Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5522 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AK5522
Description  Differential Input Stereo 32-bit ADC with Excellent PSRR
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5522 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AK5522 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 14Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 15Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
[AK5522]
017002311-E-00
2017/03
- 12 -
ADC Filter Characteristics (fs= 96kHz)
(Ta=
40 - +105C, AVDD=3.0 - 3.6V or 4.5 - 5.5V, DVDD=3.0 - 3.6V or 1.7 - 1.98V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Digital Filter (Decimation LPF): SHARP ROLL-OFF (Figure 7)
(Parallel Control mode: SD pin=
“L”, Serial Control mode: SD bit=”0”, SLOW bit=”0”)
Passband (Note 12)
+0.001/
0.06dB
6.0dB
PB
0
-
48.8
44.1
kHz
kHz
Stopband (Note 12)
SB
55.7
-
-
kHz
Stopband Attenuation
SA
85
-
-
dB
Group Delay Distortion 0 - 40.0kHz
GD
-
0
-
1/fs
Group Delay (Note 13)
GD
-
18.8
-
1/fs
Digital Filter (Decimation LPF): SLOW ROLL-OFF (Figure 8)
(Parallel Control mode: Not Available, Serial Control mode: SD bit=
”0”, SLOW bit=”1”)
Passband (Note 12)
+0.001/
0.076dB
6.0dB
PB
0
-
-
43.8
25
kHz
kHz
Stopband (Note 12)
SB
73
-
-
kHz
Stopband Attenuation
SA
85
-
-
dB
Group Delay Distortion 0 - 40.0kHz
GD
-
0
-
1/fs
Group Delay (Note 13)
GD
-
6.7
-
1/fs
Digital Filter (Decimation LPF): SHORT DELAY SHARP ROLL-OFF (Figure 9)
(Parallel Control mode: SD pin=
”H”, Serial Control mode: SD bit=”1”, SLOW bit=”0”)
Passband (Note 12)
+0.001/
0.06dB
PB
0
-
44.1
kHz
6.0dB
-
48.8
-
kHz
Stopband (Note 12)
SB
55.7
-
-
kHz
Stopband Attenuation
SA
85
-
-
dB
Group Delay Distortion 0 - 40.0kHz
GD
-
-
2.8
1/fs
Group Delay (Note 13)
GD
-
4.9
-
1/fs
Digital Filter (Decimation LPF): SHORT DELAY SLOW ROLL-OFF (Figure 10)
(Parallel Control mode: Not Available, Serial Control mode: SD bit=
”1”, SLOW bit=”1”)
Passband (Note 12)
+0.001/
0.076dB
PB
0
-
25
kHz
6.0dB
-
43.8
-
kHz
Stopband (Note 12)
SB
73
-
-
kHz
Stopband Attenuation
SA
85
-
-
dB
Group Delay Distortion 0 - 40.0kHz
GD
-
-
1.2
1/fs
Group Delay (Note 13)
GD
-
4.4
-
1/fs
Digital Filter (HPF):
Frequency Response
(Note 12)
3.0dB
0.5dB
0.1dB
FR
-
-
-
1.0
2.5
6.5
-
-
-
Hz
Hz
Hz
Note 12. The passband and stopband frequencies scale with fs.
For example, PB (+0.001dB/
0.06dB) = 0.46  fs (SHARP ROLL-OFF).
For example, PB (+0.001dB/
0.076dB) = 0.26  fs (SLOW ROLL-OFF).
Note 13. The calculated delay time induced by digital filtering. This time is from the input of an analog
signal to the L channel MSB output timing of the SDTO. It may have an error of +1[1/fs] at
maximum when outputting data via audio interfaces. The signal frequency is 1kHz.


Similar Part No. - AK5522

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
More results

Similar Description - AK5522

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK5397 AKM-AK5397 Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com