Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4676A Datasheet(PDF) 55 Page - Linear Technology

Part # LTM4676A
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A Datasheet(HTML) 55 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 51Page - Linear Technology LTM4676A Datasheet HTML 52Page - Linear Technology LTM4676A Datasheet HTML 53Page - Linear Technology LTM4676A Datasheet HTML 54Page - Linear Technology LTM4676A Datasheet HTML 55Page - Linear Technology LTM4676A Datasheet HTML 56Page - Linear Technology LTM4676A Datasheet HTML 57Page - Linear Technology LTM4676A Datasheet HTML 58Page - Linear Technology LTM4676A Datasheet HTML 59Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 136 page
background image
LTM4676A
55
4676afa
For more information www.linear.com/LTM4676A
DAC VOLTAGE
ERROR (NOT
TO SCALE)
TIME DELAY OF
MANY SECONDS
DIGITAL SERVO
MODE ENABLED FINAL OUTPUT
VOLTAGE REACHED
TON_MAX_FAULT_LIMITn
TON_RISEn
TIME
4676A F03
TON_DELAYn
VOUTn
RUNn
VOUT_UV_FAULT_LIMITn
Figure 3. Timing Controlled VOUT Rise
applicaTions inForMaTion
Coincident rail tracking can be achieved by setting two
outputs to have the same turn-on/off slew rates, identical
turn-on delays, and appropriately chosen turn-off delays:
VOUT _COMMANDRAIL1
TON_RISERAIL1
=
VOUT _COMMANDRAIL2
TON_RISERAIL2
and
VOUT _COMMANDRAIL1
TOFF _FALLRAIL1
=
VOUT _COMMANDRAIL2
TOFF _FALLRAIL2
and
TON_DELAYRAIL1 = TON_DELAYRAIL2
and(ifVOUT_COMMANDRAIL2≥VOUT_COMMANDRAIL1)
TOFF _DELAYRAIL1 =
TOFF _DELAYRAIL2 + 1–
VOUT _COMMANDRAIL1
VOUT _COMMANDRAIL2
•TOFF _FALLRAIL2
orelse(VOUT_COMMANDRAIL2<VOUT_COMMANDRAIL1)
TOFF _DELAYRAIL2 =
TOFF _DELAYRAIL1+ 1–
VOUT _COMMANDRAIL2
VOUT _COMMANDRAIL1
•TOFF _FALLRAIL1
Thedescribedmethodofstart-upsequencingistimebased.
For concatenated events it is possible to control the RUN
pin based on the GPIOn pin of a different controller (see
Figure 2). The GPIOn pin can be configured to release
when the output voltage of the converter is greater than
the VOUT_UV_FAULT_LIMITn. It is recommended to use
the unfiltered VOUT UV fault limit because there is little ap-
preciabletimedelaybetweentheconvertercrossingtheUV
thresholdandtheGPIOnpinreleasing.Theunfilteredoutput
can be enabled by the MFR_GPIO_PROPAGATEn[12] set-
ting. (Refer to the MFR section of the PMBus commands
in Appendix C: PMBus Command Details). The unfiltered
signal may have some glitching as the VOUT signal transi-
tions through the comparator threshold. A small digital
filter of 250µs internally deglitches the GPIOn pins. If
the TON_RISE time is greater than 100ms, the deglitch
filter should be complimented with an externally applied
capacitor between GPIOn and ground—to further filter
the waveform. The RC time-constant of the filter should
be set sufficiently fast to assure no appreciable delay is
incurred. For most applications, a value of 300µs to 500µs
will provide sufficient filtering without significantly delay-
ing the trigger event.
DIGITAL SERVO MODE
For maximum accuracy in the regulated output voltage,
enable the digital servo loop by asserting bit 6 of the
MFR_PWM_MODEn command. In digital servo mode,
the LTM4676A adjusts the regulated output voltage
based on the ADC voltage reading. Every 90ms the
digital servo loop steps the LSB of the DAC (nominally
1.375mV or 0.6875mV depending on the voltage range
bit, MFR_PWM_MODEn[1]) until the output is at the cor-
rect ADC reading. At power-up this mode engages after
TON_MAX_FAULT_LIMITnunlessthelimitissetto 0(infi-
nite). If the TON_MAX_FAULT_LIMITnissetto0(infinite),
the servo begins after TON_RISEn is complete and VOUTn
has exceeded VOUT_UV_FAULT_LIMITn and IOUT_OCn
is not present. This same point in time is when the output
changes from discontinuous to the mode commanded by
MFR_PWM_MODEn[0]. Refer to Figure 3 for details on
the VOUTn waveform under time based sequencing.


Similar Part No. - LTM4676A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

Similar Description - LTM4676A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com