Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4676A Datasheet(PDF) 85 Page - Linear Technology

Part # LTM4676A
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A Datasheet(HTML) 85 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 81Page - Linear Technology LTM4676A Datasheet HTML 82Page - Linear Technology LTM4676A Datasheet HTML 83Page - Linear Technology LTM4676A Datasheet HTML 84Page - Linear Technology LTM4676A Datasheet HTML 85Page - Linear Technology LTM4676A Datasheet HTML 86Page - Linear Technology LTM4676A Datasheet HTML 87Page - Linear Technology LTM4676A Datasheet HTML 88Page - Linear Technology LTM4676A Datasheet HTML 89Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 136 page
background image
LTM4676A
85
4676afa
For more information www.linear.com/LTM4676A
appenDix b
SLAVE ADDRESS
COMMAND CODE
BYTE COUNT = M
Wr A
A
S
7
8
8
1
DATA BYTE 1
8
1
1 1
1
1
A
A
A
DATA BYTE 2
8
1
A
DATA BYTE M
8
1
SLAVE ADDRESS
BYTE COUNT = N
Rd A
A
Sr
7
8
DATA BYTE 1
8
1
1 1
1
1
A
P
4676A F53
1
A
DATA BYTE 2
8
NA
DATA BYTE N
8
1
1
SLAVE ADDRESS
COMMAND CODE
BYTE COUNT = M
Wr A
A
S
7
8
8
1
DATA BYTE 1
8
1
1 1
1
1
A
A
A
DATA BYTE 2
8
1
A
DATA BYTE M
8
1
SLAVE ADDRESS
BYTE COUNT = N
Rd A
A
Sr
7
8
DATA BYTE 1
8
1 1
1
1
1
A
A
DATA BYTE 2
8
1
A
DATA BYTE N
8
1
P
4676A F54
1
NA
PEC
8
1
ALERT RESPONSE
ADDRESS
Rd A
NA P
4676A F55
S
7
7
1 1
1 1
1
DEVICE ADDRESS
ALERT RESPONSE
ADDRESS
Rd A
A
S
7
7
1 1
1
1
DEVICE ADDRESS
NA P
4676A F56
8
1 1
PEC
Figure 59. Block Write – Block Read Process Call
Figure 60. Block Write – Block Read Process Call with PEC
Figure 61. Alert Response Address Protocol
Figure 62. Alert Response Address Protocol with PEC


Similar Part No. - LTM4676A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

Similar Description - LTM4676A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com