Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8005 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8005
Description  38VIN Boost 關Module Regulator for LED Drive with 10A Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8005 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8005 Datasheet HTML 6Page - Linear Technology LTM8005 Datasheet HTML 7Page - Linear Technology LTM8005 Datasheet HTML 8Page - Linear Technology LTM8005 Datasheet HTML 9Page - Linear Technology LTM8005 Datasheet HTML 10Page - Linear Technology LTM8005 Datasheet HTML 11Page - Linear Technology LTM8005 Datasheet HTML 12Page - Linear Technology LTM8005 Datasheet HTML 13Page - Linear Technology LTM8005 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTM8005
10
8005f
For more information www.linear.com/LTM8005
OPERATION
The LTM8005 is a stand-alone non-isolated switching DC/
DC regulator intended for LED driver applications. This
µModule power converter provides a regulated current
from an input voltage range of 5V to 38V, and up to 38V
output. A simplified block diagram is provided in the pre-
vious section.
The LTM8005 is equipped with a ground referred power
switch and a power rectifier. Connect external power
devices, such as an inductor, to these pins to implement
boost, buck-boost mode, buck mode or SEPIC topologies
to drive a string of LEDs.
The LTM8005 features an integrated sense resistor to
control the LED current. The maximum regulated current
is 1.6A, and this can be reduced by applying a voltage less
than 1.2V to the CTRL1 or CTRL2 pins. The output current
is reported by the voltage on the ISMON pin.
The LTM8005 also features an integrated PMOS discon-
nect switch to implement PWM dimming that is controlled
by a signal on the PWM pin. The PMOS also disconnects
the LEDs during fault conditions.
If input current limiting is desired, apply an external sense
resistor to the IVINP and IVINN pins. The full input current
will flow through this external sense resistor, so choose a
resistor with an appropriate power rating. The LTM8005
will start to decrease the power if the voltage between the
IVINP and INVINN pins exceeds 60mV. A 10nF capacitor
is provided internally to compensate the input current
regulation loop, but additional capacitance may be added
externally to further filter the voltage at the IVINCOMP pin.
The LTM8005 features spread spectrum frequency
modulation, which causes the switching frequency to
modulate to a frequency that is approximately 70% of
the programmed value set by the RT resistor. This modu-
lation decreases the energy emitted at a single frequency,
reducing the EMI amplitude. The modulation behavior is
set by a capacitor on the RAMP pin to GND.
Input voltage turn-on and turn-off thresholds are set
by resistor networks at the EN/UVLO and OVLO pins.
Applying a voltage of greater than 1.24V to the EN/UVLO
pin enables the part.
OPENLED and SHORTLED are active low open drain sta-
tus bits that indicate an open LED or shorted LED condi-
tion. OPENLED transitions to a logic low when the FB pin
rises above 1.2V and the LED current decreases below
160mA. SHORTLED transitions to a logic low when the FB
pin falls below 300mV or the LED current exceeds 2.4A.
Further details on these and other functions are given in
the Applications Information section.
An external soft start capacitor at the SS pin minimizes
the current spike that occurs at start up and the SS pin
also programs hiccup or latchoff mode fault protection.
The LTM8005 is equipped with a thermal shutdown that
inhibits power switching at high junction temperatures.
The activation threshold of this function is above the abso-
lute maximum temperature rating to avoid interfering with
normal operation, so prolonged or repetitive operation
under a condition in which the thermal shutdown activates
may damage or impair the reliability of the device.


Similar Part No. - LTM8005

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8001 LINER-LTM8001 Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
logo
Linear Dimensions Semic...
LTM8001 LINEAR_DIMENSIONS-LTM8001 Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM8001 LINER-LTM8001 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
   36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
LTM8002 LINER-LTM8002 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
More results

Similar Description - LTM8005

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
logo
Linear Technology
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Analog Devices
LTM4656 AD-LTM4656 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
logo
Silicon Mitus, Inc.
SM2006 SILICONMITUS-SM2006 Datasheet
266Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED
Februay 2018 Rev. 0.0.0
logo
Linear Technology
LTM4646 LINER-LTM4646 Datasheet
533Kb / 34P
   Dual 10A or Single 20A 關Module Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTM4633 LINER-LTM4633 Datasheet
519Kb / 32P
   Triple 10A Step-DownDC/DC 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com