Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8005 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM8005
Description  38VIN Boost 關Module Regulator for LED Drive with 10A Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8005 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM8005 Datasheet HTML 18Page - Linear Technology LTM8005 Datasheet HTML 19Page - Linear Technology LTM8005 Datasheet HTML 20Page - Linear Technology LTM8005 Datasheet HTML 21Page - Linear Technology LTM8005 Datasheet HTML 22Page - Linear Technology LTM8005 Datasheet HTML 23Page - Linear Technology LTM8005 Datasheet HTML 24Page - Linear Technology LTM8005 Datasheet HTML 25Page - Linear Technology LTM8005 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTM8005
23
8005f
For more information www.linear.com/LTM8005
PACKAGE DESCRIPTION
Table2. LTM8005 Pinout (Sorted by Pin Number)
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
A1
SW
B1
SW
C1
SW
D1
GND
E1
GND
A2
SW
B2
SW
C2
SW
D2
GND
E2
GND
A3
SW
B3
SW
C3
SW
D3
GND
E3
GND
A4
SW
B4
SW
C4
SW
D4
GND
E4
GND
A5
DA
B5
DA
C5
DA
D5
GND
E5
GND
A6
DA
B6
DA
C6
DA
D6
GND
E6
GND
A7
VOUT
B7
VOUT
C7
VOUT
D7
GND
E7
GND
A8
VOUT
B8
VOUT
C8
VOUT
D8
GND
E8
GND
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
F1
VIN
G1
EN/UVLO
H1
OVLO
J1
ISMON
K1
GND
F2
IVINN
G2
IVINP
H2
IVINCOMP
J2
AUX
K2
FB
F3
GND
G3
GND
H3
GND
J3
GND
K3
VC
F4
GND
G4
GND
H4
GND
J4
GND
K4
SS
F5
GND
G5
GND
H5
GND
J5
GND
K5
RT
F6
ISN
G6
LED
H6
GND
J6
VREF
K6
CTRL1
F7
ISN
G7
LED
H7
SHORTLED
J7
PWM
K7
CTRL2
F8
ISN
G8
LED
H8
OPENLED
J8
RAMP
K8
GND


Similar Part No. - LTM8005

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8001 LINER-LTM8001 Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
logo
Linear Dimensions Semic...
LTM8001 LINEAR_DIMENSIONS-LTM8001 Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM8001 LINER-LTM8001 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
   36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
LTM8002 LINER-LTM8002 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
More results

Similar Description - LTM8005

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
logo
Linear Technology
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Analog Devices
LTM4656 AD-LTM4656 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
logo
Silicon Mitus, Inc.
SM2006 SILICONMITUS-SM2006 Datasheet
266Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED
Februay 2018 Rev. 0.0.0
logo
Linear Technology
LTM4646 LINER-LTM4646 Datasheet
533Kb / 34P
   Dual 10A or Single 20A 關Module Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTM4633 LINER-LTM4633 Datasheet
519Kb / 32P
   Triple 10A Step-DownDC/DC 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com