Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8050 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM8050
Description  58V, 2A Step-Down 關Module Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8050 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM8050 Datasheet HTML 16Page - Linear Technology LTM8050 Datasheet HTML 17Page - Linear Technology LTM8050 Datasheet HTML 18Page - Linear Technology LTM8050 Datasheet HTML 19Page - Linear Technology LTM8050 Datasheet HTML 20Page - Linear Technology LTM8050 Datasheet HTML 21Page - Linear Technology LTM8050 Datasheet HTML 22Page - Linear Technology LTM8050 Datasheet HTML 23Page - Linear Technology LTM8050 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTM8050
22
8050fc
For more information www.linear.com/LTM8050
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LTM8050#packaging for the most recent package drawings.


Similar Part No. - LTM8050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8050 LINER-LTM8050 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
More results

Similar Description - LTM8050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8050 LINER-LTM8050_15 Datasheet
474Kb / 24P
   58V, 2A Step-Down Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
   2A, 36V DC/DC Step-Down Module Regulator
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com