Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDP15E60 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDP15E60
Description  Fast Switching EmCon Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP15E60 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDP15E60 Datasheet HTML 1Page - Infineon Technologies AG IDP15E60 Datasheet HTML 2Page - Infineon Technologies AG IDP15E60 Datasheet HTML 3Page - Infineon Technologies AG IDP15E60 Datasheet HTML 4Page - Infineon Technologies AG IDP15E60 Datasheet HTML 5Page - Infineon Technologies AG IDP15E60 Datasheet HTML 6Page - Infineon Technologies AG IDP15E60 Datasheet HTML 7Page - Infineon Technologies AG IDP15E60 Datasheet HTML 8Page - Infineon Technologies AG IDP15E60 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2003-07-31
Rev.2
Page 4
IDP15E60
IDB15E60
2 Diode forward current
IF = f(TC)
parameter: Tj≤ 175°C
25
50
75
100
125
°C
175
TC
0
5
10
15
20
A
30
1 Power dissipation
Ptot = f (TC)
parameter: Tj ≤ 175 °C
25
50
75
100
125
°C
175
TC
0
10
20
30
40
50
60
70
W
90
3 Typ. diode forward current
IF = f (VF)
0.5
1
1.5
V
2.5
VF
0
10
20
30
A
50
-55°C
25°C
100°C
150°C
4 Typ. diode forward voltage
VF = f (Tj)
-60
-20
20
60
100
°C
160
Tj
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
V
2
7.5A
15A
30A


Similar Part No. - IDP15E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP15E60 INFINEON-IDP15E60 Datasheet
632Kb / 8P
   Fast EmCon Diode
Rev.2.4 2009-09-28
IDP15E60 INFINEON-IDP15E60 Datasheet
643Kb / 8P
   Fast Switching Emitter Controlled Diode
2013-12-05 revision:2.6
IDP15E60 INFINEON-IDP15E60_09 Datasheet
632Kb / 8P
   Fast EmCon Diode
Rev.2.4 2009-09-28
IDP15E60 INFINEON-IDP15E60_13 Datasheet
643Kb / 8P
   Fast Switching Emitter Controlled Diode
2013-12-05 revision:2.6
More results

Similar Description - IDP15E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
   Fast Switching EmCon Diode
2001-12-05
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
   Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP18E120 INFINEON-IDP18E120 Datasheet
199Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD23E60 INFINEON-IDD23E60_07 Datasheet
743Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com