Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3696 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V3696
Description  3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3696 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V3696 Datasheet HTML 6Page - Integrated Device Technology IDT72V3696 Datasheet HTML 7Page - Integrated Device Technology IDT72V3696 Datasheet HTML 8Page - Integrated Device Technology IDT72V3696 Datasheet HTML 9Page - Integrated Device Technology IDT72V3696 Datasheet HTML 10Page - Integrated Device Technology IDT72V3696 Datasheet HTML 11Page - Integrated Device Technology IDT72V3696 Datasheet HTML 12Page - Integrated Device Technology IDT72V3696 Datasheet HTML 13Page - Integrated Device Technology IDT72V3696 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT72V3686/72V3696/72V36106 3.3V CMOS TRIPLE BUS SyncFIFOTM
WITH BUS-MATCHING 16,384 x 36 x 2, 32,768 x 36 x 2, 65, 536 x 36
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 30PF
IDT72V3686L10
IDT72V3686L15
IDT72V3696L10
IDT72V3696L15
IDT72V36106L10
IDT72V36106L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tA
Access Time, CLKA
↑ toA0-A35andCLKB↑ toB0-B17
2
6.5
2
10
ns
tWFF
Propagation Delay Time, CLKA
↑ to FFA/IRA and CLKC↑ to
2
6.5
2
8
ns
FFC/IRC
tREF
Propagation Delay Time, CLKA
↑ to EFA/ORA and CLKB↑ to
1
6.5
1
8
ns
EFB/ORB
tPAE
Propagation Delay Time, CLKA
↑ to AEAand CLKB↑ to AEB
1
6.5
1
8
ns
tPAF
Propagation Delay Time, CLKA
↑ to AFA and CLKC↑ to AFC
1
6.5
1
8
ns
tPMF
Propagation Delay Time, CLKA
↑ to MBF1 LOW or MBF2
0
6.5
0
8
ns
HIGH, CLKB
↑ to MBF1 HIGH, and CLKC↑ to MBF2 LOW
tPMR
Propagation Delay Time, CLKA
↑ to B0-B17(1)and CLKC↑
2
6.5
2
10
ns
to A0-A35(2)
tMDV
Propagation Delay Time, MBA to A0-A35 valid and MBB to
2
8
2
10
ns
B0-B17 valid
tRSF
Propagation Delay Time,
MRS1 or PRS1 LOW to AEB
110
1
15
ns
LOW,
AFA HIGH, and MBF1 HIGH and MRS2 or PRS2
LOW to
AEA LOW, AFC HIGH, and MBF2 HIGH
tEN
Enable Time,
CSA or W/RA LOW to A0-A35 Active and
2
6
2
10
ns
CSB LOW to B0-B17 Active
tDIS
Disable Time,
CSA or W/RA HIGH to A0-A35 at high
1
6
1
8
ns
impedance and
CSB HIGH to B0-B17 at HIGH impedance
NOTES:
1. Writing data to the mail1 register when the B0-B17 outputs are active and MBB is HIGH.
2. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.
3. Vcc = 3.3V
± 0.15V; TA = 0° to +70°.
(Vcc = 3.3V ± 0.15V; TA = 0ο C to +70ο C; JEDEC JESD8-A compliant)


Similar Part No. - IDT72V3696

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3690 IDT-IDT72V3690 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
logo
Renesas Technology Corp
IDT72V3690 RENESAS-IDT72V3690 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3690L10PF IDT-IDT72V3690L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3690L15PF IDT-IDT72V3690L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3690L75PF IDT-IDT72V3690L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V3696

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
   CMOS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
   CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com