Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3696L10PF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V3696L10PF
Description  3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3696L10PF Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V3696L10PF Datasheet HTML 1Page - Integrated Device Technology IDT72V3696L10PF Datasheet HTML 2Page - Integrated Device Technology IDT72V3696L10PF Datasheet HTML 3Page - Integrated Device Technology IDT72V3696L10PF Datasheet HTML 4Page - Integrated Device Technology IDT72V3696L10PF Datasheet HTML 5Page - Integrated Device Technology IDT72V3696L10PF Datasheet HTML 6Page - Integrated Device Technology IDT72V3696L10PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3696L10PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3696L10PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT72V3686/72V3696/72V36106 3.3V CMOS TRIPLE BUS SyncFIFOTM
WITH BUS-MATCHING 16,384 x 36 x 2, 32,768 x 36 x 2, 65, 536 x 36
PIN DESCRIPTIONS (CONTINUED)
Symbol
Name
I/O
Description
FS0/SD
Flag Offset Select 0/
I
FS1/
SEN and FS0/SD are dual-purpose inputs used for flag Offset register programming. During Master Reset,
Serial Data
FS1/
SEN and FS0/SD, together with FS2, select the flag offset programming method. Three Offset register
programming methods are available: automatically load one of five preset values (8, 16, 64, 256 or 1,024),
FS1/
SEN
Flag Offset Select 1/
I
parallel load from Port A, and serial load.
Serial Enable
When serial load is selected for flag Offset register programming, FS1/
SEN is used as an enable synchronous to
FS2(1)
Flag Offset Select 2
I
the LOW-to-HIGH transition of CLKA. When FS1/
SEN is LOW, a rising edge on CLKA load the bit present on
FS0/SD into the X and Y registers. The number of bit writes required to program the Offset registers is 56 for the
72V3686, 60 for the 72V3696, and 64 for the 72V36106. The first bit write stores the Y-register (Y1) MSB and
the last bit write stores the X-register (X2) LSB.
LOOP
LoopbackSelect
I
This pin selects the loopback feature for Port A. During Loopback data from FIFO2 will be directed to the input of
FIFO1. to initiate a Loop the
LOOP pin must be held LOW and the ENA pin must be HIGH.
MBA
Port A Mailbox
I
A HIGH level on MBA chooses a mailbox register for a Port A read or write operation. When the A0-A35
Select
outputs are active, a HIGH level on MBA selects data from the mail2 register for output and a LOW level selects
FIFO2 output-register data for output.
MBB
Port B Mailbox
I
A HIGH level on MBB chooses a mailbox register for a Port B read operation. When the B0-B17 outputs are
Select
active, a HIGH level on MBB selects data from the mail1 register for output and a LOW level selects FIFO1 output
register data for output.
MBC
Port C Mailbox
I
A HIGH level on MBC chooses the mail2 register for a Port C write operation. This pin must be HIGH during
Select
Master Reset.
MBF1
Mail1 Register
O
MBF1 is set LOW by a LOW-to-HIGH transition of CLKA that writes data to the mail1 register. Writes to the mail1
Flag
register are inhibited while
MBF1 is LOW. MBF1 is set HIGH by a LOW-to-HIGH transition of CLKB when a
Port B read is selected and MBB is HIGH.
MBF1 is set HIGH following either a Master or Partial Reset of FIFO1.
MBF2
Mail2 Register
O
MBF2 is set LOW by a LOW-to-HIGH transition of CLKC that writes data to the mail2 register. Writes to the mail2
Flag
register are inhibited while
MBF2 is LOW. MBF2 is set HIGH by a LOW-to-HIGH transition of CLKA when a
Port A read is selected and MBA is HIGH.
MBF2 is set HIGH following either a Master or Partial Reset of FIFO2.
MRS1
Master Reset
I
A LOW on this pin initializes the FIFO1 read and write pointers to the first location of memory and sets the Port B
output register to all zeroes. A LOW-to-HIGH transition on
MRS1 selects the programming method (serial or
parallel) and one of five programmable flag default offsets for FIFO1 and FIFO2. It also configures ports B and
C for bus size and endian arrangement. Four LOW-to-HIGH transitions of CLKA and four LOW-to-HIGH
transitions of CLKB must occur while
MRS1 isLOW.
MRS2
Master Reset
I
A LOW on this pin initializes the FIFO2 read and write pointers to the first location of memory and sets the Port A
output register to all zeroes. A LOW-to-HIGH transition on
MRS2,toggledsimultaneouslywithMRS1,selects
the programming method (serial or parallel) and one of the five flag default offsets for FIFO2. Four LOW-to-HIGH
transitions of CLKA and four LOW-to-HIGH transitions of CLKC must occur while
MRS2 is LOW.
PRS1/
PartialReset/
I
This pin is muxed for both Partial Reset and Retransmit operations, it is used in conjunction with the RTM pin. If RTM
RT1
RetransmitFIFO1
is in a LOW condition, a LOW on this pin performs a Partial Reset on FIFO1 and initializes the FIFO1 read and write
pointerstothefirstlocationofmemoryandsetsthePortBoutputregistertoallzeroes.DuringPartialReset,thecurrently
selected bus size, endian arrangement, programming method (serial or parallel), and programmable flag settings are
all retained. If RTM is HIGH, a LOW on this pin performs a Retransmit and initializes the FIFO1 read pointer only to
thefirstmemorylocation.
PRS2/
PartialReset/
I
This pin is muxed for both Partial Reset and Retransmit operations, it is used in conjunction with the RTM pin. If RTM
RT2
RetransmitFIFO2
is in a LOW condition, a LOW on this pin performs a Partial Reset on FIFO2 and initializes the FIFO2 read and write
selected bus size, endian arrangement, programming method (serial or parallel), and programmable flag settings are
all retained. If RTM is HIGH, a LOW on this pin performs a Retransmit and initializes the FIFO2 read pointer only to
thefirstmemorylocation.
RENB
Port B Read Enable
I
RENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read data on Port B.
RTM
RetransmitMode
I
This pin is used in conjunction with the
RT1 and RT2 pins. When RTM is HIGH a Retransmit is performed on FIFO1
or FIFO2 respectively.


Similar Part No. - IDT72V3696L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3690 IDT-IDT72V3690 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
logo
Renesas Technology Corp
IDT72V3690 RENESAS-IDT72V3690 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3690L10PF IDT-IDT72V3690L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3690L15PF IDT-IDT72V3690L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3690L75PF IDT-IDT72V3690L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V3696L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
   CMOS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
   CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com