Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3686L10PF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72V3686L10PF
Description  3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3686L10PF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V3686L10PF Datasheet HTML 1Page - Integrated Device Technology IDT72V3686L10PF Datasheet HTML 2Page - Integrated Device Technology IDT72V3686L10PF Datasheet HTML 3Page - Integrated Device Technology IDT72V3686L10PF Datasheet HTML 4Page - Integrated Device Technology IDT72V3686L10PF Datasheet HTML 5Page - Integrated Device Technology IDT72V3686L10PF Datasheet HTML 6Page - Integrated Device Technology IDT72V3686L10PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3686L10PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3686L10PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT72V3686/72V3696/72V36106 3.3V CMOS TRIPLE BUS SyncFIFOTM
WITH BUS-MATCHING 16,384 x 36 x 2, 32,768 x 36 x 2, 65, 536 x 36
(Port A) and two unidirectional 18-bit buses (Port B transmits data, Port C
receivesdata.) FIFOdatacanbereadoutofPortBandwrittenintoPortCusing
either18-bitor9-bitformatswithachoiceofBig-orLittle-Endianconfigurations.
These devices are a synchronous (clocked) FIFO, meaning each port
employs a synchronous interface. All data transfers through a port are gated
to the LOW-to-HIGH transition of a port clock by enable signals. The clocks for
each port are independent of one another and can be asynchronous or
DESCRIPTION
TheIDT72V3686/72V3696/72V36106aredesignedtorunoffa3.3Vsupply
for exceptionally low-power consumption. These devices are a monolithic,
high-speed, low-power, CMOS Triple Bus synchronous (clocked) FIFO
memorywhichsupportsclockfrequenciesupto100MHzandhasreadaccess
times as fast as 6.5ns. Two independent 16,384/32,768/65,536 x 36 dual-port
SRAMFIFOsonboardeachchipbufferdatabetweenabidirectional36-bitbus
PIN CONFIGURATION
TQFP (PK128-1, order code: PF)
TOP VIEW
W/
RA
CLKB
4676 drw02
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
ENA
CLKA
GND
A35
A34
A33
A32
Vcc
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
BE/
FWFT
GND
A22
Vcc
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
Vcc
A12
GND
A11
A10
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
102
101
PRS2/RT2
C17
C16
C15
C14
MBC
RTM
C13
C12
C11
C10
C9
C8
C7
C6
SIZEB
GND
C5
C4
C3
C2
C1
C0
GND
B17
B16
B15
B14
B13
B12
GND
B11
B10
INDEX
SIZEC
VCC
VCC
LOOP


Similar Part No. - IDT72V3686L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3680 IDT-IDT72V3680 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
logo
Renesas Technology Corp
IDT72V3680 RENESAS-IDT72V3680 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3680L10PF IDT-IDT72V3680L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3680L15PF IDT-IDT72V3680L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3680L75PF IDT-IDT72V3680L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V3686L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
   CMOS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
   CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com