Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3080EJ Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # BTS3080EJ
Description  Smart Low-Side Power Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3080EJ Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button BTS3080EJ Datasheet HTML 20Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 21Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 22Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 23Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 24Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 25Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 26Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 27Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Datasheet
24
Rev. 1.0
2016-09-12
HITFET - BTS3080EJ
Smart Low-Side Power Switch
Electrical Characteristics
9.2
Protection
Please see Chapter “Protection Functions” on Page 18 for parameter description and further details.
Note:
Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as “outside” normal operating range.
Protection functions are not designed for continuous repetitive operation
Table 6
Electrical Characteristics: Protection
Tj = -40°C to +150°C, VBAT =6 V to 18 V, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Thermal Protection
Thermal shut down
junction temperature
TJ(SD)
150 175 –
°C
1)
3V < VIN < 5.5 V
1) Not subject to production test, specified by design.
P_9.2.1
Thermal hysteresis
ΔTJ_HYS
–15
K
1)
P_9.2.3
Minimum status latch reset time
tRESET
50
µs
1) 2)
VIN < 0.8 V;
2) Minimum time needed to reset the STATUS latch feedback signal
P_9.2.8
Overvoltage Protection
Drain clamp voltage
VOUT(CLAMP) 40
45
V
VIN = 0 V;
IL = 6 mA
P_9.2.13
Current limitation (see also Figure 15)
Current limitation
IL(LIM)
10
15
20
A
VIN = 5 V
P_9.2.19


Similar Part No. - BTS3080EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3080TF INFINEON-BTS3080TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
More results

Similar Description - BTS3080EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com