Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7020-2EPA Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # BTS7020-2EPA
Description  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7020-2EPA Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button BTS7020-2EPA Datasheet HTML 31Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 32Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 33Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 34Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 35Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 36Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 37Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 38Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
Data Sheet
35
Rev. 1.00
2017-08-24
BTS7020-2EPA
PROFETTM+2
Protection
It is possible to “force” a reset of the internal counter without waiting for tDELAY(CR) by applying a pulse (rising
edge followed by a falling edge) to the DEN pin while IN pin is “low”. The pulse applied to DEN pin must have
a duration longer than tDEN(CR) to ensure a reset of the internal counter. The DSEL pin must select the channel
that has to be de-latched and keep the same logic value while DEN pin toggles twice (rising edge followed by
a falling edge).
The timings are shown in Figure 30.
Figure 30 Retry Strategy Timing Diagram with Forced Reset
8.4
Additional protections
8.4.1
Reverse Polarity Protection
In Reverse Polarity condition (also known as Reverse Battery), the output stages are switched ON (see
parameter RDS(REV)) because of ReverSave™ feature which limits the power dissipation in the output stages.
Each ESD diode of the logic contributes to total power dissipation. The reverse current through the output
stages must be limited by the connected loads. The current through digital input pins has to be limited as well
by an external resistor (please refer to the Absolute Maximum Ratings listed in Chapter 4.1 and to Application
Information in Chapter 10).
Figure 31 shows a typical application including a device with ReverSave™. A current flowing into GND pin (-
IGND) during Reverse Polarity condition is necessary to activate ReverSave™, therefore a resistive path between
module ground and device GND pin must be present.
t
IN
Short circu it
to ground
IL
0
1
Internal
counter
nRETRY(CR)
t
t
t
Protection_PROFET_DENforce_time2.emf
DEN
nRETRY(CR)
1
t
tDEN(CR)
0
tDEN(CR)
nRETRY(CR)
tDEN(CR)
nRETRY(CR)
0


Similar Part No. - BTS7020-2EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7020-2EPA INFINEON-BTS7020-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

Similar Description - BTS7020-2EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com