Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3268 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FAN3268
Description  2A Low-Voltage PMOS-NMOS Bridge Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3268 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FAN3268 Datasheet HTML 4Page - ON Semiconductor FAN3268 Datasheet HTML 5Page - ON Semiconductor FAN3268 Datasheet HTML 6Page - ON Semiconductor FAN3268 Datasheet HTML 7Page - ON Semiconductor FAN3268 Datasheet HTML 8Page - ON Semiconductor FAN3268 Datasheet HTML 9Page - ON Semiconductor FAN3268 Datasheet HTML 10Page - ON Semiconductor FAN3268 Datasheet HTML 11Page - ON Semiconductor FAN3268 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Typical Performance Characteristics
Typical characteristics are provided at TA=25°C and VDD=12 V unless otherwise noted.
Figure 6. IDD (Static) vs. Supply Voltage
(13)
Figure 7. IDD (No-Load) vs. Frequency
Figure 8. IDD (1 nF Load) vs. Frequency
Figure 9. IDD (Static) vs. Temperature
(13)
Figure 10. Input Thresholds vs. Supply Voltage
Figure 11. Input Thresholds vs. Temperature
www.onsemi.com
8


Similar Part No. - FAN3268

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268T FAIRCHILD-FAN3268T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3268T FAIRCHILD-FAN3268T Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3268T FAIRCHILD-FAN3268T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3268

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268_11 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3278 FAIRCHILD-FAN3278 Datasheet
471Kb / 15P
   30V PMOS-NMOS Bridge Driver
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Intersil Corporation
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
   2A, HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com