Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB16N50K Datasheet(PDF) 8 Page - International Rectifier

Part # IRFB16N50K
Description  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB16N50K Datasheet(HTML) 8 Page - International Rectifier

  IRFB16N50K Datasheet HTML 1Page - International Rectifier IRFB16N50K Datasheet HTML 2Page - International Rectifier IRFB16N50K Datasheet HTML 3Page - International Rectifier IRFB16N50K Datasheet HTML 4Page - International Rectifier IRFB16N50K Datasheet HTML 5Page - International Rectifier IRFB16N50K Datasheet HTML 6Page - International Rectifier IRFB16N50K Datasheet HTML 7Page - International Rectifier IRFB16N50K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFB16N50K
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.03/04
TO-220AB package is not recommended for Surface Mount Application.
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
- B -
1.32 (.052)
1.22 (.048)
3X
0.55 (.022)
0.46 (.018)
2.92 (.115)
2.64 (.104)
4.69 (.185)
4.20 (.165)
3X
0.93 (.037)
0.69 (.027)
4.06 (.160)
3.55 (.140)
1.15 (.045)
MIN
6.47 (.255)
6.10 (.240)
3.78 (.149)
3.54 (.139)
- A -
10.54 (.415)
10.29 (.405)
2.87 (.113)
2.62 (.103)
15.24 (.600)
14.84 (.584)
14.09 (.555)
13.47 (.530)
3X
1.40 (.055)
1.15 (.045)
2.54 (.100)
2X
0.36 (.014)
M
B A M
4
1
2
3
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB.
2 CONTROLLING DIMENSION : INCH
4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
@Y6HQG@) UCDTÃDTÃ6IÃDSA  Ã
GPUÃ8P9@Ã &'(
6TT@H7G@9ÃPIÃXXÃ (Ã ((&
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å
DIU@SI6UDPI6G
S@8UDAD@S
GPBP
GPUÃ8P9@
Q6SUÃIVH7@S
96U@Ã8P9@
For GB Production


Similar Part No. - IRFB16N50K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB16N50K VISHAY-IRFB16N50K Datasheet
184Kb / 8P
   Power MOSFET
Rev. A, 20-Jun-08
logo
Kersemi Electronic Co.,...
IRFB16N50K KERSEMI-IRFB16N50K Datasheet
2Mb / 7P
   Low Gate Charge Qg Results in Simple Drive Requirement
logo
Vishay Siliconix
IRFB16N50KPBF VISHAY-IRFB16N50KPBF Datasheet
184Kb / 8P
   Power MOSFET
Rev. A, 20-Jun-08
logo
Kersemi Electronic Co.,...
IRFB16N50KPBF KERSEMI-IRFB16N50KPBF Datasheet
2Mb / 7P
   Low Gate Charge Qg Results in Simple Drive Requirement
More results

Similar Description - IRFB16N50K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com