Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C3216-10K Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IS61C3216-10K
Description  32K x 16 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C3216-10K Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IS61C3216-10K Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61C3216-10K Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61C3216-10K Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61C3216-10K Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C3216-10K Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C3216-10K Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C3216-10K Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C3216-10K Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IS61C3216
Integrated Circuit Solution Inc.
3
SR008-0B
1
2
3
4
5
6
7
8
9
10
11
12
OPERATING RANGE
Range
Ambient Temperature
Speed
VCC
Commercial
0°C to +70°C
-10, -12
5V ± 5%
-15, -20
5V ± 10%
Industrial
–40°C to +85°C
-12
5V ± 5%
-15, -20
5V ± 10%
POWER SUPPLY CHARACTERISTICS(1)
(Over Operating Range)
-10
-12
-15
-20
Symbol Parameter
Test Conditions
Min. Max. Min. Max.
Min. Max.
Min. Max. Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
Com.
300
270
250
230
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
300
270
250
ISB1
TTL Standby Current
VCC = Max.,
Com.
40
40
40
40
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
45
45
45
CE > V
IH
, f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
5
5
5
5
mA
Current (CMOS Inputs)
CE > V
CC
– 0.2V,
Ind.
10
10
10
VIN > VCC – 0.2V, or
VIN < 0.2V, f = 0
Note:
1.
At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
DC ELECTRICAL CHARACTERISTICS
(Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.5
V
VIL
Input LOW Voltage
(1)
–0.5
0.8
V
ILI
Input Leakage
GND < VIN < VCC
–2
2
µA
ILO
Output Leakage
GND < VOUT < VCC, Outputs Disabled
–2
2
µA
Notes:
1.
VIL (min.) = –3.0V for pulse width less than 10 ns.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VCC
Supply Voltage with Respect to GND
–0.5 to +7.0
V
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Note:
1.
Stress greater than those listed under
ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the
device. This is a stress rating only and
functional operation of the device at
these or any other conditions above
those indicated in the operational sec-
tions of this specification is not implied.
Exposure to absolute maximum rat-
ing conditions for extended periods
may affect reliability.


Similar Part No. - IS61C3216-10K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C3216-10K ISSI-IS61C3216-10K Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C3216-10K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C3216AL ISSI-IS61C3216AL Datasheet
86Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
61C3216 ISSI-61C3216 Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216BLL ISSI-IS61WV3216BLL Datasheet
101Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com