Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C46-3 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS93C46-3
Description  1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C46-3 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS93C46-3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C46-3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C46-3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C46-3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C46-3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C46-3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C46-3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C46-3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C46-3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. G
04/26/01
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2001, Integrated Silicon Solution, Inc.
IS93C46-3
ISSI ®
1,024-BIT SERIAL ELECTRICALLY
ERASABLE PROM
OVERVIEW
The IS93C46-3 is a low cost 1,024-bit, non-volatile, serial
E2PROM. It is fabricated using
ISSI’s advanced CMOS
E2PROM technology. The IS93C46-3 provides efficient
non-volatile read/write memory arranged as 64 registers
of 16 bits each. Seven 9-bit instructions control the
operation of the device, which includes read, write, and
mode enable functions. The data out pin (DOUT) indicates
the status of the device during in the self-timed non-
volatile programming cycle.
The self-timed write cycle includes an automatic erase-
before-write capability. To protect against inadvertent
writes, the WRITE instruction is accepted only while the
chip is in the write enabled state. Data is written in 16 bits
per write instruction into the selected register. If Chip
Select (CS) is brought HIGH after initiation of the write
cycle, the Data Output (DOUT) pin will indicate the READY/
BUSY status of the chip.
APPLICATIONS
The IS93C46-3 is ideal for high-volume applications
requiring low power and low density storage. This device
uses a low cost, space saving 8-pin package. Candidate
applications include robotics, alarm devices, electronic
locks, meters and instrumentation settings.
MARCH 2001
FUNCTIONAL BLOCK DIAGRAM
FEATURES
• State-of-the-art architecture
— Non-volatile data storage
— Low voltage operation:
3.0V (Vcc = 2.7V to 6.0V)
— Full TTL compatible inputs and outputs
— Auto increment for efficient data dump
• Low voltage read operation
— Down to 2.7V
• Hardware and software write protection
— Defaults to write-disabled state at power-up
— Software instructions for write-enable/disable
• Advanced low voltage CMOS E2PROM
technology
• Versatile, easy-to-use Interface
— Self-timed programming cycle
— Automatic erase-before-write
— Programming status indicator
— Word and chip erasable
— Stop SK anytime for power savings
• Durable and reliable
— 10-year data retention after 100K write cycles
— 100,000 write cycles
— Unlimited read cycles
CS
SK
DIN
DOUT
DUMMY
BIT
R/W
AMPS
DATA
REGISTER
(16 BITS)
ADDRESS
REGISTER
1 OF 64
DECODER
WRITE
ENABLE
HIGH VOLTAGE
GENERATOR
INSTRUCTION
DECODE,
CONTROL,
AND
CLOCK
GENERATION
INSTRUCTION
REGISTER
(9 BITS)
EEPROM
ARRAY
(64 X 16)


Similar Part No. - IS93C46-3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A-3G ISSI-IS93C46A-3G Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A-3GI ISSI-IS93C46A-3GI Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A-3GL ISSI-IS93C46A-3GL Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A-3GLI ISSI-IS93C46A-3GLI Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C46-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46B ISSI-IS93C46B Datasheet
67Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com