Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C3216-12K Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IS61C3216-12K
Description  32K x 16 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C3216-12K Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS61C3216-12K Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61C3216-12K Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61C3216-12K Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61C3216-12K Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C3216-12K Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C3216-12K Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C3216-12K Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C3216-12K Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IS61C3216
4
Integrated Circuit Solution Inc.
SR008-0B
READ CYCLE SWITCHING CHARACTERISTICS(1)
(Over Operating Range)
-10
-12
-15
-20
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tRC
Read Cycle Time
10
12
15
20
ns
tAA
Address Access Time
10
12
15
20
ns
tOHA
Output Hold Time
3
3
3
3
ns
tACE
CE Access Time
10
12
15
20
ns
tDOE
OE Access Time
5
5
7
8
ns
tHZOE
(2)
OE to High-Z Output
0
5
0
6
0
7
8
ns
tLZOE
(2)
OE to Low-Z Output
0
0
0
0
ns
tHZCE
(2
CE to High-Z Output
0
5
0
6
0
7
0
8
ns
tLZCE
(2)
CE to Low-Z Output
4
4
4
4
ns
tBA
LB, UB Access Time
5
6
7
8
ns
tHZB
LB, UB to High-Z Output
0
5
0
6
0
7
8
ns
tLZB
LB, UB to Low-Z Output
5
5
5
5
ns
Notes:
1.
Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of
0 to 3.0V and output loading specified in Figure 1a.
2.
Tested with the load in Figure 1b.
Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3.
Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1a and 1b
AC TEST LOADS
Figure 1a.
Figure 1b.
480
30 pF
Including
jig and
scope
255
OUTPUT
5V
480
5 pF
Including
jig and
scope
255
OUTPUT
5V
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - IS61C3216-12K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C3216-12K ISSI-IS61C3216-12K Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C3216-12KI ISSI-IS61C3216-12KI Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C3216-12K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C3216AL ISSI-IS61C3216AL Datasheet
86Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
61C3216 ISSI-61C3216 Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216BLL ISSI-IS61WV3216BLL Datasheet
101Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com