Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-480 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-480
Description  GaAlAs-Lumineszenzdioden
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-480 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-480 Datasheet HTML 1Page - OSRAM GmbH SFH-480 Datasheet HTML 2Page - OSRAM GmbH SFH-480 Datasheet HTML 3Page - OSRAM GmbH SFH-480 Datasheet HTML 4Page - OSRAM GmbH SFH-480 Datasheet HTML 5Page - OSRAM GmbH SFH-480 Datasheet HTML 6Page - OSRAM GmbH SFH-480 Datasheet HTML 7Page - OSRAM GmbH SFH-480 Datasheet HTML 8Page - OSRAM GmbH SFH-480 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SFH 480
GaAlAs-Lumineszenzdioden (880 nm)
GaAlAs Infrared Emitters (880 nm)
SFH 481
SFH 482
2001-10-01
1
SFH 480, SFH 481, SFH 482
Wesentliche Merkmale
• Hergestellt im Schmezepitaxieverfahren
• Anode galvanisch mit dem Gehäuseboden
verbunden
• Hohe Zuverlässigkeit
• Gute spektrale Anpassung an
Si-Fotoempfänger
• Hermetisch dichtes Metallgehäuse
• SFH 480: Gehäusegleich mit SFH 216
• SFH 481: Gehäusegleich mit BPX 43
• SFH 482: Gehäusegleich mit BPX 38, BPX 65
Anwendungen
• Lichtschranken für Gleich- und
Wechsellichtbetrieb
• IR-Gerätefernsteuerungen
• Sensorik
• Lichtgitter
Features
• GaAIAs infrared emitting diode, fabricated in a
liquid phase epitaxy process
• Anode is electrically connected to the case
• High reliability
• Matches all Si-Photodetectors
• Hermetically sealed package
• SFH 480: Same package as SFH 216
• SFH 481: Same package as BPX 43
• SFH 482: Same package as BPX 38, BPX 65
Applications
• Photointerrupters
• IR remote control of various equipmet
• Sensor technology
• Light-grille barrier


Similar Part No. - SFH-480

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4811 OSRAM-SFH-4811 Datasheet
177Kb / 13P
   Fabricated in a liquid phase epitaxy process
SFH-484 OSRAM-SFH-484 Datasheet
81Kb / 8P
   GaAlAs-IR-Lumineszenzdioden
SFH-4841 OSRAM-SFH-4841 Datasheet
241Kb / 9P
   Anode is electrically connected to the case
SFH-4845 OSRAM-SFH-4845 Datasheet
240Kb / 9P
   Anode is electrically connected to the case
SFH-4846 OSRAM-SFH-4846 Datasheet
240Kb / 9P
   Anode is electrically connected to the case
More results

Similar Description - SFH-480

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH480 OSRAM-SFH480_01 Datasheet
103Kb / 9P
   GaAlAs-Lumineszenzdioden
SFH-4580 OSRAM-SFH-4580 Datasheet
84Kb / 7P
   GaAlAs-IR-Lumineszenzdioden
SFH-484 OSRAM-SFH-484 Datasheet
81Kb / 8P
   GaAlAs-IR-Lumineszenzdioden
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
   GaAlAs-IR-Lumineszenzdioden (880 nm)
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
   GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH-4510 OSRAM-SFH-4510 Datasheet
271Kb / 8P
   GaAs-IR-Lumineszenzdioden
SFH-415 OSRAM-SFH-415 Datasheet
111Kb / 7P
   GaAs-IR-Lumineszenzdioden
logo
OSA Opto Light GmbH
128144 OSA-128144 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips
123144 OSA-123144 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com