Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C3216-15K Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IS61C3216-15K
Description  32K x 16 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C3216-15K Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

  IS61C3216-15K Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61C3216-15K Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61C3216-15K Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61C3216-15K Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C3216-15K Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C3216-15K Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C3216-15K Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C3216-15K Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IS61C3216
8
Integrated Circuit Solution Inc.
SR008-0B
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns) Order Part No.
Package
10
IS61C3216-10T
400mil TSOP-2
IS61C3216-10K
400mil SOJ
12
IS61C3216-12T
400mil TSOP-2
IS61C3216-12K
400mil SOJ
15
IS61C3216-15T
400mil TSOP-2
IS61C3216-15K
400mil SOJ
20
IS61C3216-20T
400mil TSOP-2
IS61C3216-20K
400mil SOJ
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed (ns) Order Part No.
Package
12
IS61C3216-12TI
400mil TSOP-2
IS61C3216-12KI
400mil SOJ
15
IS61C3216-15TI
400mil TSOP-2
IS61C3216-15KI
400mil SOJ
20
IS61C3216-20TI
400mil TSOP-2
IS61C3216-20KI
400mil SOJ
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5
TH
ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw


Similar Part No. - IS61C3216-15K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C3216-15K ISSI-IS61C3216-15K Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C3216-15KI ISSI-IS61C3216-15KI Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C3216-15K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C3216AL ISSI-IS61C3216AL Datasheet
86Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
61C3216 ISSI-61C3216 Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216BLL ISSI-IS61WV3216BLL Datasheet
101Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com