Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C12816-20KI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61C12816-20KI
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C12816-20KI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61C12816-20KI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C12816-20KI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C12816-20KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C12816-20KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C12816-20KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C12816-20KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C12816-20KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C12816-20KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. A
12/19/00
1
2
3
4
5
6
7
8
9
10
11
12
IS61C12816
ISSI®
OPERATING RANGE
Range
Ambient Temperature
Speed
VCC
Commercial
0°C to +70°C
-12
5V ± 5%
-15, -20
5V ± 10%
Industrial
–40°C to +85°C
-12
5V ± 5%
-15, -20
5V ± 10%
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-12
-15
-20
Symbol
Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
Com.
280
260
235
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
300
290
255
ISB1
TTL Standby Current
VCC = Max.,
Com.
50
50
50
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
—55
55
—55
CE • VIH , f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
10
10
10
mA
Current (CMOS Inputs)
CE • VCC – 0.2V,
Ind.
15
15
15
VIN • VCC – 0.2V, or
VIN - 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.5
V
VIL
Input LOW Voltage(1)
–0.5
0.8
V
ILI
Input Leakage
GND - VIN - VCC
–2
2
µA
ILO
Output Leakage
GND - VOUT - VCC, Outputs Disabled
–2
2
µA
Notes:
1. VIL (min.) = –3.0V for pulse width less than 10 ns.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Note:
1. Stress greater than those listed under ABSO-
LUTE MAXIMUM RATINGS may cause per-
manent damage to the device. This is a stress
rating only and functional operation of the
device at these or any other conditions above
those indicated in the operational sections of
this specification is not implied. Exposure to
absolute maximum rating conditions for ex-
tended periods may affect reliability.


Similar Part No. - IS61C12816-20KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024 ISSI-IS61C1024 Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12H ISSI-IS61C1024-12H Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12HI ISSI-IS61C1024-12HI Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12J ISSI-IS61C1024-12J Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12JI ISSI-IS61C1024-12JI Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C12816-20KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
62LV12816 ISSI-62LV12816 Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1011 PYRAMID-P3C1011 Datasheet
110Kb / 10P
   HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com