Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9S3208V0A Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9S3208V0A
Description  4M x 8 bit SmartMedia Card
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9S3208V0A Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9S3208V0A Datasheet HTML 5Page - Samsung semiconductor K9S3208V0A Datasheet HTML 6Page - Samsung semiconductor K9S3208V0A Datasheet HTML 7Page - Samsung semiconductor K9S3208V0A Datasheet HTML 8Page - Samsung semiconductor K9S3208V0A Datasheet HTML 9Page - Samsung semiconductor K9S3208V0A Datasheet HTML 10Page - Samsung semiconductor K9S3208V0A Datasheet HTML 11Page - Samsung semiconductor K9S3208V0A Datasheet HTML 12Page - Samsung semiconductor K9S3208V0A Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
K9S3208V0A-SSB0
SmartMediaTM
9
SmartMedia Technical Notes
Identifying Invalid Block(s)
Invalid Block(s)
Invalid blocks are defined as blocks that contain one or more invalid bits whose reliability is not guaranteed by Samsung. The infor-
mation regarding the invalid block(s) is so called as the invalid block information. An invalid block(s) does not affect the performance
of valid block(s) because it is isolated from the bit line and the common source line by a select transistor. The system design must be
able to mask out the invalid block(s) via address mapping.
SSFDC Forum specifies the logical format and physical format to ensure compatibility of SmartMedia. Samsung pre-formats Smart-
Media in the Forum-compliant format prior to shipping. Physical format standard by SSFDC Forum specifies that for the invalid
blocks the 6th byte in the spare area (column address 517 for 4MB SmartMedia and higher densities, 261 for 2MB SmartMedia,
respectively) contains two or more "0" bits to indicate a invalid block. Other than the blocks with format data and the invalid blocks
are erased(FFh). Since the invalid block information is also erasable in most cases, it is impossible to recover the information once it
has been erased. Therefore, the system must be able to recognize the invalid block(s) based on the original invalid block information
and create the invalid block table via the following suggested flow chart(Figure 1). Any intentional erasure of the original invalid block
information is prohibited.
*
Check "FFh" at the column address
Figure 1. Flow chart to create invalid block table.
Start
Set Block Address = 0
Check "FFh" ?
Increment Block Address
Last Block ?
End
No
Yes
Yes
Create (or update)
No
Invalid Block(s) Table
517 of the first page in the block


Similar Part No. - K9S3208V0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S1208V0 SAMSUNG-K9S1208V0 Datasheet
657Kb / 37P
   64MB & 128MB SmartMediaTM Card
K9S1208V0M-SSB0 SAMSUNG-K9S1208V0M-SSB0 Datasheet
491Kb / 33P
   64M x 8 Bit SmartMedia Card
K9S1208V0M/A-SSB0 SAMSUNG-K9S1208V0M/A-SSB0 Datasheet
657Kb / 37P
   64MB & 128MB SmartMediaTM Card
K9S2808V0B SAMSUNG-K9S2808V0B Datasheet
481Kb / 31P
   SmartMedia CARD
K9S2808V0C SAMSUNG-K9S2808V0C Datasheet
481Kb / 31P
   SmartMedia CARD
More results

Similar Description - K9S3208V0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S2808V0M SAMSUNG-K9S2808V0M Datasheet
351Kb / 26P
   16M x 8 Bit SmartMedia Card
K9S1208V0M-SSB0 SAMSUNG-K9S1208V0M-SSB0 Datasheet
491Kb / 33P
   64M x 8 Bit SmartMedia Card
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
Winbond
W981208BH WINBOND-W981208BH Datasheet
1Mb / 41P
   4M x 4 BANKS x 8 BIT SDRAM
logo
Fujitsu Component Limit...
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
logo
Winbond
W981208AH WINBOND-W981208AH Datasheet
2Mb / 44P
   4M x 8 bit x 4 Banks SDRAM
logo
Fujitsu Component Limit...
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com