Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDD25-48T03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KDD25-48T03
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KDD25-48T03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KDD25-48T03 Datasheet HTML 1Page - List of Unclassifed Manufacturers KDD25-48T03 Datasheet HTML 2Page - List of Unclassifed Manufacturers KDD25-48T03 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTER
KDD25 SERIES
26.5 ~ 27.2W TRIPLE OUTPUT
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
KDD25 – 12 T 01
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.) CASE
Triple Output Models
KDD25 – 12T01
9~18 VDC
27.2 WATTS
+5V/±12V
+4000/±300 mA 76%
C
KDD25 – 12T02
9~18 VDC
26.5 WATTS
+5V/±15V
+3500/±300 mA 77%
C
KDD25 – 24T01
18~36 VDC
27.2 WATTS
+5V/±12V
+4000/±300 mA 77%
C
KDD25 – 24T02
18~36 VDC
26.5 WATTS
+5V/±15V
+3500/±300 mA 78%
C
KDD25 – 24T03
18~36 VDC
25.1 WATTS +5V/+12V/-15V +4000/+300/-300 mA 78%
C
KDD25 – 48T01
36~72 VDC
27.2 WATTS
+5V/±12V
+4000/±300 mA 78%
C
KDD25 – 48T02
36~72 VDC
26.5 WATTS
+5V/±15V
+3500/±300 mA 79%
C
KDD25 – 48T03
36~72 VDC
25.1 WATTS +5V/+12V/-15V +4000/+300/-300 mA 79%
C
FEATURES
* 2:1 INPUT RANGE
* ISOLATION INPUT AND OUTPUT 1.5KV DC
* HIGH PERFORMANCE UP TO 79%
* SHORT CIRCUIT PROTECTION
* 2 YEARS WARRANTY
12 : 9~18V IN
24 : 18~36V IN
48
:36~72V IN
T : TRIPLE OUTPUT
WATTAGE
01: +5V/±12V OUT
02: +5V/±15V OUT
03: +5V/+12V/-5V OUT


Similar Part No. - KDD25-48T03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KDD25-48D01 ETC2-KDD25-48D01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-48D02 ETC2-KDD25-48D02 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-48D03 ETC2-KDD25-48D03 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-48S01 ETC2-KDD25-48S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
KDD25-48S02 ETC2-KDD25-48S02 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
More results

Similar Description - KDD25-48T03

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com