Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX541 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVX541
Description  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX541 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVX541 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX541 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX541 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX541 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX541 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX541 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH |tPLHm  tPLHn|; tOSHL |tPHLm  tPHLn|.
Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
6.1
11.3
1.0
13.5
ns
CL 15 pF
tPHL
Time
8.6
14.9
1.0
17.0
CL 50 pF
3.3
r 0.3
4.7
7.0
1.0
8.5
CL 15 pF
7.2
10.5
1.0
12.0
CL 50 pF
tPZL
3-STATE Output
2.7
7.1
13.8
1.0
16.5
ns
CL 15 pF
tPZH
Enable Time
RL 1 k:
9.6
17.3
1.0
20.0
CL 50 pF
RL 1 k:
3.3
r 0.3
6.8
10.5
1.0
12.5
CL 15 pF
RL 1 k:
9.3
14.0
1.0
16.0
CL 50 pF
RL 1 k:
tPLZ
3-STATE Output
2.7
11.6
17.9
1.0
20.0
ns
CL 50 pF
tPHZ
Disable Time
3.3
r 0.3
10.7
15.4
1.0
17.5
RL 1 k:
tOSLH
Output to Output
2.7
1.5
1.5
ns
CL 50 pF
tOSHL
Skew (Note 4)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
COUT
Output Capacitance
6
pF
CPD
Power Dissipation Capacitance (Note 5)
19
pF
Average operating current can be obtained by the equation: ICC(opr.)
CPD x VCC x fIN  ICC
8 (per bit)


Similar Part No. - 74LVX541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX541 FAIRCHILD-74LVX541 Datasheet
72Kb / 5P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVX541 ONSEMI-74LVX541 Datasheet
101Kb / 8P
   Octal Bus Buffer
March, 2005 ??Rev. 2
logo
STMicroelectronics
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX541 ONSEMI-74LVX541 Datasheet
189Kb / 8P
   Low Voltage Octal Buffer/Line Driver
Revised April 2005
logo
Fairchild Semiconductor
74LVX541M FAIRCHILD-74LVX541M Datasheet
72Kb / 5P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74LVX541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com