Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8741 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN8741
Description  Spindle Motor and 6-CH Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8741 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN8741 Datasheet HTML 5Page - Fairchild Semiconductor FAN8741 Datasheet HTML 6Page - Fairchild Semiconductor FAN8741 Datasheet HTML 7Page - Fairchild Semiconductor FAN8741 Datasheet HTML 8Page - Fairchild Semiconductor FAN8741 Datasheet HTML 9Page - Fairchild Semiconductor FAN8741 Datasheet HTML 10Page - Fairchild Semiconductor FAN8741 Datasheet HTML 11Page - Fairchild Semiconductor FAN8741 Datasheet HTML 12Page - Fairchild Semiconductor FAN8741 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
www.fairchildsemi.com
FAN8741/FAN8742 Rev. 1.0.1
ELECTRICAL CHARACTERISTICS (Ta = 25
°c)
(Ta=25
°C, SVCC1=VDD=PVCC1=VM2=5V,VM1=SVCC2=PVCC2=PVCC3=12V unless otherwise noted)
* : Design guarantee specification
Parameter
Condition
Min. Typ. Max. Units
COMMON PART
Quiescent Circuit Current 1
Mute1=L, Mute2=L
-1
-
mA
-1
-
Quiescent Circuit Current 2
Mute1=L, Mute2=H
-1.5
-
mA
-9.5
-
Quiescent Circuit Current 3
Mute1=H, Mute2=H
-4
-
mA
-13
-
Mute Low Voltage
MUTE=variation
-
-
0.8
V
Mute High Voltage
MUTE=variation
3.0
-
-
V
Mute Input Current
MUTE=5V
-
130
-
µA
Charge Pump Voltage 1
IPUMP=0mA
-
19
-
V
Charge Pump Voltage 2
IPUMP=-1mA
-
18
-
V
THERMAL SHUTDOWN
Operating Temperature*
-
-
150
-
oC
Hysteresis Temperature*
-
-
25
-
oC
SPINDLE DRIVE PART
Control Input Deadzone11
SPIN>VREF
20
50
100
mV
Control Input Deadzone12
SPIN<VREF
-100
-50
-20
mV
Control Voltage Input Range
0
-
5
V
Output Gain
GMSP=GVO/RCSSP,
RCSSP=0.33Ω, GVO=1[V/V]
2.55
3.0
3.45
A/V
Output On Resistance(upper)
Io=500mA
-
0.4
-
Output On Resistance(lower)
Io=500mA
-
0.4
-
Output Limit Current
RCSSP=0.33Ω
-1.5
-
A
Hall Amp Common Mode Input Range -
1
-
4
V
Minimum Hall Input Level*
-
50
-
-
mV
Hall Bias Output Voltage
IHB=10mA
0.5
1.0
1.5
V
Hall Bias Input Current
-1
5
µA
FG Low Voltage
IFG=3mA
-
-
0.5
V
DIR Low Voltage
IDIR=3mA
-
-
0.5
V
SLED DRIVE PART
Control Input Deadzone21
SLIN1/SLIN2 > VREF
0
15
30
mV
Control Input Deadzone22
SLIN1/SLIN2 < VREF
-30
-15
0
mV
Output Gain
GMSL=GVO/RCSSL,
RCSSL=1Ω, GVO=1[V/V]
0.85
1.0
1.15
A/V
Output On Resistance(upper)
Io=250mA
-
1.0
-
Output On Resistance(lower)
Io=250mA
-
1.0
-
Output Limit Current
RCSSL=1Ω
-0.5
-
A


Similar Part No. - FAN8741

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702B FAIRCHILD-FAN8702B Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MP FAIRCHILD-FAN8702MP Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MPX FAIRCHILD-FAN8702MPX Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
More results

Similar Description - FAN8741

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8732CG FAIRCHILD-FAN8732CG Datasheet
322Kb / 20P
   Spindle motor and 5-CH actuator driver [Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com