Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-A67F Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LA-A67F
Description  white SMT package, colorless clear resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-A67F Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LA-A67F Datasheet HTML 6Page - OSRAM GmbH LA-A67F Datasheet HTML 7Page - OSRAM GmbH LA-A67F Datasheet HTML 8Page - OSRAM GmbH LA-A67F Datasheet HTML 9Page - OSRAM GmbH LA-A67F Datasheet HTML 10Page - OSRAM GmbH LA-A67F Datasheet HTML 11Page - OSRAM GmbH LA-A67F Datasheet HTML 12Page - OSRAM GmbH LA-A67F Datasheet HTML 13Page - OSRAM GmbH LA-A67F Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2017-05-11
10
Version 1.3
LA A67F
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 85 °C
temp. ambient
temp. solder point
0
0
20
40
A
S
T
T
˚C
60
80
100
T
IF
mA
S
T
OHL02705
TA
10
20
30
40
50
60
10
1
10
0
0.02
0.04
0.06
-5
-4
-3
-2
10
10
10
P
t
=
D
T
P
t
T
IF
0.08
F
I
0.10
0.12
A
0.5
0.2
-1
0
1
2
10
tp
10 s 10
=
0.02
0.01
0.005
0.05
OHL02703
0.1
D
10
1
10
0
0.02
0.04
0.06
-5
-4
-3
-2
10
10
10
P
t
=
D
T
P
t
T
IF
0.08
F
I
0.10
0.12
A
0.5
0.2
-1
0
1
2
10
tp
10 s 10
=
0.02
0.01
0.005
0.05
OHL02704
0.1
D


Similar Part No. - LA-A67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-A676 OSRAM-LA-A676 Datasheet
448Kb / 19P
   white SMT package, colorless clear resin
LA-A676 OSRAM-LA-A676 Datasheet
194Kb / 14P
   white SMT package
More results

Similar Description - LA-A67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT677 OSRAM-LSGT677 Datasheet
392Kb / 15P
   white SMT package, colorless clear resin
LSM47K OSRAM-LSM47K Datasheet
456Kb / 19P
   white SMT package, colorless clear resin
CT-DELSS1.12 OSRAM-CT-DELSS1.12 Datasheet
694Kb / 22P
   white SMT package, colorless clear resin
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
   white SMT package, colorless clear resin
LB-A676 OSRAM-LB-A676 Datasheet
386Kb / 15P
   white SMT package, colorless clear resin
LP-M676 OSRAM-LP-M676 Datasheet
502Kb / 20P
   white SMT package, colorless clear resin
LS-P47F OSRAM-LS-P47F Datasheet
522Kb / 21P
   white SMT package, colorless clear resin
LT-Y8SG OSRAM-LT-Y8SG Datasheet
536Kb / 21P
   white SMT package, colorless clear resin
LG-M670 OSRAM-LG-M670 Datasheet
478Kb / 19P
   white SMT package, colorless clear resin
LB-M47C OSRAM-LB-M47C Datasheet
415Kb / 15P
   white SMT package, colorless clear resin
LO-A67B OSRAM-LO-A67B Datasheet
437Kb / 19P
   white SMT package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com