Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-E6SF Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LA-E6SF
Description  white PLCC-4 package, colorless clear silicone resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E6SF Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LA-E6SF Datasheet HTML 4Page - OSRAM GmbH LA-E6SF Datasheet HTML 5Page - OSRAM GmbH LA-E6SF Datasheet HTML 6Page - OSRAM GmbH LA-E6SF Datasheet HTML 7Page - OSRAM GmbH LA-E6SF Datasheet HTML 8Page - OSRAM GmbH LA-E6SF Datasheet HTML 9Page - OSRAM GmbH LA-E6SF Datasheet HTML 10Page - OSRAM GmbH LA-E6SF Datasheet HTML 11Page - OSRAM GmbH LA-E6SF Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2013-10-02
8
Version 1.2
LA E6SF
Forward Current 6) page 20
Durchlassstrom 6) Seite20
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 6) page 20 , 7) page 20
Relative Lichtstärke 6) Seite 20 , 7) Seite 20
IV/IV(50 mA) = f(IF); TS = 25 °C
OHL02665
mA
10
0
V
10
1
2
10
I
F
V
F
2.3
1.5
1.7
1.9
2.1
2.5
amber, orange
yellow
super red, red
OHL04151
I
F
10
0
510
1
10
mA
2
102
-1
10
0
10
5
1
10
5
5
10-2
V
I
V
I (50 mA)


Similar Part No. - LA-E6SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E6SF OSRAM-LA-E6SF Datasheet
475Kb / 18P
   white P-LCC-4 package, colorless clear silicone resin
More results

Similar Description - LA-E6SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-E6SG OSRAM-LB-E6SG Datasheet
604Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
LT-E6SG OSRAM-LT-E6SG Datasheet
497Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
LRG5AP OSRAM-LRG5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LA-G5AP OSRAM-LA-G5AP Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LR-G5AP OSRAM-LR-G5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LY-G5AP OSRAM-LY-G5AP Datasheet
910Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
   white PLCC-4 package, colorless clear resin
LS-E67F OSRAM-LS-E67F Datasheet
439Kb / 20P
   white PLCC-4 package, colorless clear resin
LT-E63C OSRAM-LT-E63C Datasheet
647Kb / 22P
   white PLCC-4 package, colorless clear resin
LY-E65F OSRAM-LY-E65F Datasheet
548Kb / 21P
   white PLCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com