Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-K376 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LS-K376
Description  colorless, clear 3 mm (T1) package with specially shaped lens
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-K376 Datasheet(HTML) 8 Page - OSRAM GmbH

  LS-K376 Datasheet HTML 1Page - OSRAM GmbH LS-K376 Datasheet HTML 2Page - OSRAM GmbH LS-K376 Datasheet HTML 3Page - OSRAM GmbH LS-K376 Datasheet HTML 4Page - OSRAM GmbH LS-K376 Datasheet HTML 5Page - OSRAM GmbH LS-K376 Datasheet HTML 6Page - OSRAM GmbH LS-K376 Datasheet HTML 7Page - OSRAM GmbH LS-K376 Datasheet HTML 8Page - OSRAM GmbH LS-K376 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2000-09-19
8
LS K376, LA K376, LO K376, LY K376,
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Kathodenkennung:
kürzerer Lötspieß
Cathode mark:
short solder lead
Gewicht / Approx. weight: 0.2 g
2.05 (0.081)
2.35 (0.093)
2.9 (0.114)
3.5 (0.138)
4.8 (0.189)
4.4 (0.173)
3.6 (0.142)
3.2 (0.126)
Cathode
GEXY6712
Area not flat
1.8 (0.071)
1.2 (0.047)
29.0 (1.142)
27.0 (1.063)
0.6 (0.024)
0.4 (0.016)


Similar Part No. - LS-K376

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS-0006 ETC-LS-0006 Datasheet
61Kb / 2P
   Plastic Gear Analog Servo
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
LS-02NB FOTEK-LS-02NB Datasheet
1Mb / 6P
   Inductive proximity sensor
LS-02P FOTEK-LS-02P Datasheet
1Mb / 6P
   Inductive proximity sensor
LS-02PB FOTEK-LS-02PB Datasheet
1Mb / 6P
   Inductive proximity sensor
More results

Similar Description - LS-K376

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LP-K376 OSRAM-LP-K376 Datasheet
307Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
   colorless, clear 3 mm (T1) package
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
   colorless, clear 5 mm (T1 쩐) package
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
   colorless, clear 5 mm (T1 쩐) package
LB-543C OSRAM-LB-543C Datasheet
253Kb / 15P
   colorless, clear 5 mm (T1 쩐) package
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
   colorless, micro diffused 3 mm (T1) package
LB-3333 OSRAM-LB-3333 Datasheet
471Kb / 13P
   colorless, micro diffused 3 mm (T1) package
logo
Visual Communications C...
CNX718 VCC-CNX718 Datasheet
164Kb / 2P
   dome-shaped clear lens
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com