Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-543B Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LA-543B
Description  colorless, clear 5 mm (T1 쩐) package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-543B Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LA-543B Datasheet HTML 5Page - OSRAM GmbH LA-543B Datasheet HTML 6Page - OSRAM GmbH LA-543B Datasheet HTML 7Page - OSRAM GmbH LA-543B Datasheet HTML 8Page - OSRAM GmbH LA-543B Datasheet HTML 9Page - OSRAM GmbH LA-543B Datasheet HTML 10Page - OSRAM GmbH LA-543B Datasheet HTML 11Page - OSRAM GmbH LA-543B Datasheet HTML 12Page - OSRAM GmbH LA-543B Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2005-03-02
10
LA 543B, LO 543B, LY 543B
Maßzeichnung
9)
Seite 13
Package Outlines
9)
page 13
Kathodenkennung:
kürzerer Lötspieß
Cathode mark:
short solder lead
Gewicht / Approx. weight:
0.35 g
Empfohlenes Lötpaddesign
9)
Seite 13
Wellenlöten (TTW)
Recommended Solder Pad
9)
page 13
TTW Soldering
0.4 (0.016)
0.6 (0.024)
5.5 (0.217)
5.9 (0.232)
Area not flat
8.2 (0.323)
9.0 (0.354)
7.8 (0.307)
7.5 (0.295)
27.0 (1.063)
29.0 (1.142)
1.2 (0.047)
1.8 (0.071)
Cathode
GEXY6713
4 (0.157)
OHLPY985


Similar Part No. - LA-543B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA-5-100 ETC2-LA-5-100 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
LA-5-100 ETC2-LA-5-100 Datasheet
117Kb / 1P
   DC Ammeter Shunts
LA-5-50 ETC2-LA-5-50 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
LA-5-50 ETC2-LA-5-50 Datasheet
117Kb / 1P
   DC Ammeter Shunts
LA-50-100 ETC2-LA-50-100 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
More results

Similar Description - LA-543B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
   colorless, clear 5 mm (T1 쩐) package
LB-543C OSRAM-LB-543C Datasheet
253Kb / 15P
   colorless, clear 5 mm (T1 쩐) package
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
   colorless, clear 3 mm (T1) package
LB543C OSRAM-LB543C Datasheet
253Kb / 15P
   colorless, clear 5 mm package
LW541C OSRAM-LW541C Datasheet
499Kb / 14P
   colorless, clear 5 mm package
LA543B OSRAM-LA543B Datasheet
340Kb / 13P
   colorless, clear 5 mm package
LS5436 OSRAM-LS5436 Datasheet
347Kb / 13P
   colorless, clear 5 mm package
LW-541C OSRAM-LW-541C Datasheet
499Kb / 14P
   colorless, clear 5 mm (T1쩐) package
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com