Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-543B Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LA-543B
Description  colorless, clear 5 mm (T1 쩐) package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-543B Datasheet(HTML) 4 Page - OSRAM GmbH

  LA-543B Datasheet HTML 1Page - OSRAM GmbH LA-543B Datasheet HTML 2Page - OSRAM GmbH LA-543B Datasheet HTML 3Page - OSRAM GmbH LA-543B Datasheet HTML 4Page - OSRAM GmbH LA-543B Datasheet HTML 5Page - OSRAM GmbH LA-543B Datasheet HTML 6Page - OSRAM GmbH LA-543B Datasheet HTML 7Page - OSRAM GmbH LA-543B Datasheet HTML 8Page - OSRAM GmbH LA-543B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2005-03-02
4
LA 543B, LO 543B, LY 543B
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LA
LO
LY
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 20 mA
λ
peak
624
610
594
nm
Dominantwellenlänge
6)
Seite 13
(min.)
Dominant wavelength
6)
page 13
(typ.)
I
F = 20 mA
(max.)
λ
dom
λ
dom
λ
dom
612
617*
624
600
606*
609
580
587*
595
nm
nm
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 20 mA
∆λ
18
16
15
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
26
26
26
Grad
deg.
Durchlassspannung
7)
Seite 13
(min.)
Forward voltage
7)
page 13
(typ.)
I
F = 20 mA
(max.)
V
F
V
F
V
F
1.8
2.0
2.4
1.8
2.0
2.4
1.8
2.0
2.4
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 12 V
I
R
I
R
0.01
10
0.01
10
0.01
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.15
0.14
0.13
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.07
0.08
0.10
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
V
– 3.7
– 3.7
– 3.7
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 20 mA
η
opt
24
24
24
lm/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5


Similar Part No. - LA-543B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA-5-100 ETC2-LA-5-100 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
LA-5-100 ETC2-LA-5-100 Datasheet
117Kb / 1P
   DC Ammeter Shunts
LA-5-50 ETC2-LA-5-50 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
LA-5-50 ETC2-LA-5-50 Datasheet
117Kb / 1P
   DC Ammeter Shunts
LA-50-100 ETC2-LA-50-100 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
More results

Similar Description - LA-543B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
   colorless, clear 5 mm (T1 쩐) package
LB-543C OSRAM-LB-543C Datasheet
253Kb / 15P
   colorless, clear 5 mm (T1 쩐) package
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
   colorless, clear 3 mm (T1) package
LB543C OSRAM-LB543C Datasheet
253Kb / 15P
   colorless, clear 5 mm package
LW541C OSRAM-LW541C Datasheet
499Kb / 14P
   colorless, clear 5 mm package
LA543B OSRAM-LA543B Datasheet
340Kb / 13P
   colorless, clear 5 mm package
LS5436 OSRAM-LS5436 Datasheet
347Kb / 13P
   colorless, clear 5 mm package
LW-541C OSRAM-LW-541C Datasheet
499Kb / 14P
   colorless, clear 5 mm (T1쩐) package
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com