Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-ETSF Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LA-ETSF
Description  white PLCC-4 package, colorless clear resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-ETSF Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LA-ETSF Datasheet HTML 7Page - OSRAM GmbH LA-ETSF Datasheet HTML 8Page - OSRAM GmbH LA-ETSF Datasheet HTML 9Page - OSRAM GmbH LA-ETSF Datasheet HTML 10Page - OSRAM GmbH LA-ETSF Datasheet HTML 11Page - OSRAM GmbH LA-ETSF Datasheet HTML 12Page - OSRAM GmbH LA-ETSF Datasheet HTML 13Page - OSRAM GmbH LA-ETSF Datasheet HTML 14Page - OSRAM GmbH LA-ETSF Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Version 1.3
LA ETSF
2017-04-28
11
Package Outline 8) page 20
Maßzeichnung 8) Seite 20
Approximate Weight:
30 mg
Gewicht:
30 mg
Mark:
bevelled edge (Cathode)
Markierung:
abgeschrägte Ecke (Kathode)
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S /
336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S / 336
h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]
GPLY6084
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Package marking
0.1 (0.004) (typ.)
0.6 (0.024)
0.8 (0.031)
A
A
C
A
A
C
A
A


Similar Part No. - LA-ETSF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
   white PLCC-4 package, colorless clear resin
LA-E63B OSRAM-LA-E63B Datasheet
205Kb / 16P
   white P-LCC-4 package
LA-E63F OSRAM-LA-E63F Datasheet
594Kb / 22P
   white PLCC-4 package, colorless clear resin
LA-E65B OSRAM-LA-E65B Datasheet
532Kb / 20P
   white PLCC-4 package, colorless clear resin
LA-E65F OSRAM-LA-E65F Datasheet
189Kb / 13P
   white P-LCC-4 package, colorless clear resin
More results

Similar Description - LA-ETSF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
   white PLCC-4 package, colorless clear resin
LS-E67F OSRAM-LS-E67F Datasheet
439Kb / 20P
   white PLCC-4 package, colorless clear resin
LT-E63C OSRAM-LT-E63C Datasheet
647Kb / 22P
   white PLCC-4 package, colorless clear resin
LY-E65F OSRAM-LY-E65F Datasheet
548Kb / 21P
   white PLCC-4 package, colorless clear resin
LA-E65B OSRAM-LA-E65B Datasheet
532Kb / 20P
   white PLCC-4 package, colorless clear resin
LY-E65B OSRAM-LY-E65B Datasheet
534Kb / 20P
   white PLCC-4 package, colorless clear resin
LSG-T67K OSRAM-LSG-T67K Datasheet
550Kb / 18P
   white PLCC-4 package, colorless clear resin
LS-E63F OSRAM-LS-E63F Datasheet
378Kb / 22P
   white PLCC-4 package, colorless clear resin
LO-E67F OSRAM-LO-E67F Datasheet
445Kb / 20P
   white PLCC-4 package, colorless clear resin
LY-E67F OSRAM-LY-E67F Datasheet
475Kb / 20P
   white PLCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com