Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


MC100EP446FA Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC100EP446FA
Description  3.3V/5V 8­Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 2 page
background image
MC10EP446, MC100EP446
http://onsemi.com
2
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
123
4567
8
24
23
22
21
20
19
18
17
16
Figure 1. LQFP−32 Pinout (Top View)
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
VCC
SOUT
VEE
VBB2
VEF
VEE
PCLK
PCLK
SOUT
VCF
SYNC
SYNC
VCC
VCC
VCC
VCC
MC10EP446
MC100EP446
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D0*−D7*
ECL, CMOS, or TTL Parallel Data Input
SOUT, SOUT
ECL Differential Serial Data Output
CLK*, CLK*
ECL Differential Clock Input
PCLK, PCLK
ECL Differential Parallel Clock Output
SYNC*, SYNC**
ECL Conversion Synchronizing Differential Input (Reset)***
CKSEL*
ECL Clock Input Selector
CKEN*, CKEN*
ECL Clock Enable Differential Input
VCF
ECL, CMOS, or TTL Input Selector
VEF
ECL Reference Mode Connection
VBB1, VBB2
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
* Pins will default LOW when left open.
**Pins will default HIGH when left open.
***The rising edge of SYNC will asynchronously reset the internal circuitry. The falling edge of the SYNC followed by the falling edge of CLK
initiates the conversion process synchronously on the next rising edge of CLK.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADC1046110-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold 1 2 3 4 5 MoreNational Semiconductor (TI)
DAC8043A12-Bit Serial Input Multiplying D/A Converter 1 2 3 4 5 MoreAnalog Devices
WPC10R2:1 WIDE INPUT RANGE DC/DC CONVERTER 1 2 3 4 C&D Technologies
ADS787114-BIT 48-KSPS DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER MUX PGA AND REFERENCE 1 2 3 4 5 MoreTI store
DAC773116-Bit Voltage Output Serial Input DIGITAL-TO-ANALOG CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
DAC8501Low-Power Rail-to-Rail Output 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
BP5081A15AC/DC converter - AC100V input output-1 : 15V/80mA output-2 : 5V/350mA 1 2 3 Rohm
ZN5258-BIT MULTIFUNCTION DATA CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
V7PF-15A1ACNON-ISOLATED DC/DC CONVERTER 12V Input 1.2V-5.0V/15A Output 1 2 3 4 5 MoreBel Fuse Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl