Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H164FN Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10H164FN
Description  8 LINE MULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H164FN Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H164FN Datasheet HTML 1Page - ON Semiconductor MC10H164FN Datasheet HTML 2Page - ON Semiconductor MC10H164FN Datasheet HTML 3Page - ON Semiconductor MC10H164FN Datasheet HTML 4Page - ON Semiconductor MC10H164FN Datasheet HTML 5Page - ON Semiconductor MC10H164FN Datasheet HTML 6Page - ON Semiconductor MC10H164FN Datasheet HTML 7Page - ON Semiconductor MC10H164FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10H164
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
–8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current – Continuous
– Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range – Plastic
– Ceramic
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note 1.)
0
°
25
°
75
°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
83
75
83
mA
IinH
Input Current High
512
320
320
µA
IinL
Input Current Low
0.7
0.7
0.7
µA
VOH
High Output Voltage
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
VOL
Low Output Voltage
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
VIH
High Input Voltage
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
VIL
Low Input Voltage
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
tpd
Propagation Delay
Enable
Data
Address
0.4
0.7
1.0
1.45
2.4
2.8
0.4
0.8
1.1
1.5
2.5
2.9
0.5
0.9
1.2
1.7
2.6
3.2
ns
tr
Rise Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
tf
Fall Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Iinear fpm is
maintained. Outputs are terminated through a 50–ohm resistor to –2.0 volts.


Similar Part No. - MC10H164FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H164FN ONSEMI-MC10H164FN Datasheet
165Kb / 8P
   8?묹ine Multiplexer
March, 2006 ??Rev. 8
MC10H164FNG ONSEMI-MC10H164FNG Datasheet
165Kb / 8P
   8?묹ine Multiplexer
March, 2006 ??Rev. 8
MC10H164FNG ONSEMI-MC10H164FNG Datasheet
147Kb / 6P
   8?륧ine Multiplexer
August, 2016 ??Rev. 9
MC10H164FNR2 ONSEMI-MC10H164FNR2 Datasheet
165Kb / 8P
   8?묹ine Multiplexer
March, 2006 ??Rev. 8
MC10H164FNR2G ONSEMI-MC10H164FNR2G Datasheet
165Kb / 8P
   8?묹ine Multiplexer
March, 2006 ??Rev. 8
More results

Similar Description - MC10H164FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H164 ONSEMI-MC10H164 Datasheet
117Kb / 4P
   8-Line Multiplexer
March, 2000 ??Rev. 7
MC10164 ONSEMI-MC10164_02 Datasheet
116Kb / 8P
   8-Line Multiplexer
January, 2002 ??Rev. 7
MC10164 ONSEMI-MC10164 Datasheet
115Kb / 5P
   8-Line Multiplexer
1996 REV 5
logo
Texas Instruments
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
177Kb / 9P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
NXP Semiconductors
74LV138 PHILIPS-74LV138 Datasheet
116Kb / 12P
   3-to-8 line decoder/multiplexer; inverting
1998 Apr 28
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com