Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-E67C Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LB-E67C
Description  white P-LCC-4 package, colorless clear resin
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-E67C Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LB-E67C Datasheet HTML 2Page - OSRAM GmbH LB-E67C Datasheet HTML 3Page - OSRAM GmbH LB-E67C Datasheet HTML 4Page - OSRAM GmbH LB-E67C Datasheet HTML 5Page - OSRAM GmbH LB-E67C Datasheet HTML 6Page - OSRAM GmbH LB-E67C Datasheet HTML 7Page - OSRAM GmbH LB-E67C Datasheet HTML 8Page - OSRAM GmbH LB-E67C Datasheet HTML 9Page - OSRAM GmbH LB-E67C Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2006-10-04
6
LB E67C, LV E67C, LT E67C
Relative spektrale Emission
2) Seite 17
Relative Spectral Emission
2)
page 17
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
I
rel = f (λ); TA = 25 °C; IF = 30 mA
Abstrahlcharakteristik
2) Seite 17
Radiation Characteristic
2)
page 17
I
rel = f (ϕ); TA = 25 °C
0
400
true green
550
450
500
600
650
nm
λ
700
OHL00492
I
20
40
60
80
%
100
rel
verde
blue
λ
V
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - LB-E67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-E63C OSRAM-LB-E63C Datasheet
1Mb / 22P
   white PLCC-4 package, colorless clear resin
LB-E6SG OSRAM-LB-E6SG Datasheet
604Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
More results

Similar Description - LB-E67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSY-T675 OSRAM-LSY-T675 Datasheet
412Kb / 15P
   white P-LCC-4 package, colorless clear resin
LAY-T67F OSRAM-LAY-T67F Datasheet
254Kb / 16P
   white P-LCC-4 package, colorless clear resin
LBLTLVE63C OSRAM-LBLTLVE63C Datasheet
363Kb / 18P
   white P-LCC-4 package, colorless clear resin
LSG-T670 OSRAM-LSG-T670 Datasheet
563Kb / 15P
   white P-LCC-4 package, colorless clear resin
LSG-T676 OSRAM-LSG-T676 Datasheet
362Kb / 16P
   white P-LCC-4 package, colorless clear resin
LAY-T67B OSRAM-LAY-T67B Datasheet
353Kb / 15P
   white P-LCC-4 package, colorless clear resin
LOG-T671 OSRAM-LOG-T671 Datasheet
529Kb / 15P
   white P-LCC-4 package, colorless clear resin
LSYT675 OSRAM-LSYT675 Datasheet
412Kb / 15P
   white P-LCC-4 package, colorless clear resin
LA-E65F OSRAM-LA-E65F Datasheet
189Kb / 13P
   white P-LCC-4 package, colorless clear resin
LSY-T67B OSRAM-LSY-T67B Datasheet
429Kb / 15P
   white P-LCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com