Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-T673 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LB-T673
Description  white PLCC-2 package, colorless clear resin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-T673 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LB-T673 Datasheet HTML 3Page - OSRAM GmbH LB-T673 Datasheet HTML 4Page - OSRAM GmbH LB-T673 Datasheet HTML 5Page - OSRAM GmbH LB-T673 Datasheet HTML 6Page - OSRAM GmbH LB-T673 Datasheet HTML 7Page - OSRAM GmbH LB-T673 Datasheet HTML 8Page - OSRAM GmbH LB-T673 Datasheet HTML 9Page - OSRAM GmbH LB-T673 Datasheet HTML 10Page - OSRAM GmbH LB-T673 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Version 2.2 - OS-PCN-2016-012-A
LB T673
2017-01-27
7
Relative Spectral Emission - V(λ) = Standard eye response curve 7) page 21
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 7) Seite 21
Irel = f (λ); TS = 25 °C; IF = 10 mA
Radiation Characteristics 7) page 21
Abstrahlcharakteristik 7) Seite 21
Irel = f (ϕ); TS = 25 °C
LB T673
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
: Vλ
: blue
LB T673
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel


Similar Part No. - LB-T673

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-T676 OSRAM-LB-T676 Datasheet
391Kb / 15P
   white P-LCC-2 package, colorless clear resin
LB-T67C OSRAM-LB-T67C Datasheet
589Kb / 22P
   white PLCC-2 package, colorless clear resin
More results

Similar Description - LB-T673

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LG-T670 OSRAM-LG-T670 Datasheet
442Kb / 19P
   white PLCC-2 package, colorless clear resin
LO-T676 OSRAM-LO-T676 Datasheet
477Kb / 19P
   white PLCC-2 package, colorless clear resin
LS-T679 OSRAM-LS-T679 Datasheet
439Kb / 19P
   white PLCC-2 package, colorless clear resin
LT-T67C OSRAM-LT-T67C Datasheet
606Kb / 22P
   white PLCC-2 package, colorless clear resin
LP-T67F OSRAM-LP-T67F Datasheet
985Kb / 20P
   white PLCC-2 package, colorless clear resin
LG-T679 OSRAM-LG-T679 Datasheet
440Kb / 19P
   white PLCC-2 package, colorless clear resin
LY-T67K OSRAM-LY-T67K Datasheet
444Kb / 19P
   white PLCC-2 package, colorless clear resin
LY-T676 OSRAM-LY-T676 Datasheet
990Kb / 22P
   white PLCC-2 package, colorless clear resin
LY-T679 OSRAM-LY-T679 Datasheet
440Kb / 19P
   white PLCC-2 package, colorless clear resin
LT-TTSD OSRAM-LT-TTSD Datasheet
737Kb / 22P
   white PLCC-2 package, colorless clear resin
LG-T676 OSRAM-LG-T676 Datasheet
536Kb / 21P
   white PLCC-2 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com