Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1557IRZ-EVAL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL1557IRZ-EVAL
Description  xDSL Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1557IRZ-EVAL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL1557IRZ-EVAL Datasheet HTML 4Page - Renesas Technology Corp ISL1557IRZ-EVAL Datasheet HTML 5Page - Renesas Technology Corp ISL1557IRZ-EVAL Datasheet HTML 6Page - Renesas Technology Corp ISL1557IRZ-EVAL Datasheet HTML 7Page - Renesas Technology Corp ISL1557IRZ-EVAL Datasheet HTML 8Page - Renesas Technology Corp ISL1557IRZ-EVAL Datasheet HTML 9Page - Renesas Technology Corp ISL1557IRZ-EVAL Datasheet HTML 10Page - Renesas Technology Corp ISL1557IRZ-EVAL Datasheet HTML 11Page - Renesas Technology Corp ISL1557IRZ-EVAL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ISL1557
FN7522 Rev 3.00
Page 10 of 12
Apr 6, 2018
Package Outline Drawings
L16.4x4H
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 1/12
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
SEE DETAIL "X"
0.30 ±0.05
BASE PLANE
PIN #1
5
8
( 3 . 6 TYP )
(12x0.65)
(16x0.30)
0 . 20 REF
+0.03/-0.02
C
5
4
0.10
C
M
INDEX AREA
(4X)
0.15
PIN 1
6
4.00
12
9
A
B
4
0.65
12X
13
4X 1.95
16
1
6
C
SEATING PLANE
0.10 C
AB
16x 0.550±0.05
2.40
( 2.40)
0.90±0.10
(16x0.75)
2.40
INDEX AREA
For the most recent package outline drawing, see L16.4x4H.


Similar Part No. - ISL1557IRZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1557IRZ-T13 INTERSIL-ISL1557IRZ-T13 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557IRZ-T7 INTERSIL-ISL1557IRZ-T7 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557IRZ-T7 INTERSIL-ISL1557IRZ-T7 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557IRZ-T7 INTERSIL-ISL1557IRZ-T7 Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
More results

Similar Description - ISL1557IRZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517 Datasheet
138Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517_06 Datasheet
34Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517A INTERSIL-EL1517A Datasheet
33Kb / 2P
   xDSL Differential Line Driver
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com