Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3160EIBZ-T Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL3160EIBZ-T
Description  짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3160EIBZ-T Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL3160EIBZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL3160EIBZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL3160EIBZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL3160EIBZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL3160EIBZ-T Datasheet HTML 10Page - Renesas Technology Corp ISL3160EIBZ-T Datasheet HTML 11Page - Renesas Technology Corp ISL3160EIBZ-T Datasheet HTML 12Page - Renesas Technology Corp ISL3160EIBZ-T Datasheet HTML 13Page - Renesas Technology Corp ISL3160EIBZ-T Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
FN8980 Rev.0.00
Page 10 of 20
Mar 21, 2018
ISL3160E
3. Test Circuits and Waveforms
Figure 6. Driver Enable and Disable Times Test Circuit
Figure 7. Driver Enable and Disable Times Measurement
Points
Figure 8. Driver Data Rate Test Circuit
Figure 9. Driver Data Rate Measurement Points
Figure 10. Receiver Propagation Delay Test Circuit
Figure 11. Receiver Propagation Delay Measurement
Points
D
DE
DI
Z
Y
VCC
GND
SW
Parameter
Output
RE
DI
SW
tHZ
Y/Z
X
1/0
GND
tLZ
Y/Z
X
0/1
VCC
tZH
Y/Z
0 (Note 9)1/0
GND
tZL
Y/Z
0 (Note 9)0/1
VCC
tHZ(SHDN)
Y/Z
1 (Note 12)1/0
GND
tLZ(SHDN)
Y/Z
1 (Note 12)0/1
VCC
Signal
Generator
110Ω
50pF
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
VOL + 0.5V
tLZ
DE
Output High
Output Low
tZL, tZL(SHDN)
tZH, tZH(SHDN)
50%
50%
(Note 11)
(Note 11)
(Note 11)
D
DE
DI
VCC
Signal
Generator
Z
Y
VOD
+
-
54Ω
CL
CL
3V
0V
DIFF Out (Y - Z)
+VOD
-VOD
DI
0V
Signal
Generator
R
RO
RE
A
B
+1.5V
15pF
RO
+3V
0V
tPLH
1.5V
1.5V
VCC
0V
1.7V
1.7V
tPHL
A


Similar Part No. - ISL3160EIBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL31470EIBZ INTERSIL-ISL31470EIBZ Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470EIBZ RENESAS-ISL31470EIBZ Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3160EIBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com