Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3160EFBZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL3160EFBZ
Description  짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3160EFBZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL3160EFBZ Datasheet HTML 3Page - Renesas Technology Corp ISL3160EFBZ Datasheet HTML 4Page - Renesas Technology Corp ISL3160EFBZ Datasheet HTML 5Page - Renesas Technology Corp ISL3160EFBZ Datasheet HTML 6Page - Renesas Technology Corp ISL3160EFBZ Datasheet HTML 7Page - Renesas Technology Corp ISL3160EFBZ Datasheet HTML 8Page - Renesas Technology Corp ISL3160EFBZ Datasheet HTML 9Page - Renesas Technology Corp ISL3160EFBZ Datasheet HTML 10Page - Renesas Technology Corp ISL3160EFBZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
FN8980 Rev.0.00
Page 7 of 20
Mar 21, 2018
ISL3160E
2. Specifications
ESD Performance
RS-485 Pins (A, B, Y, Z)
IEC61000-4-2, Air-Gap Discharge Method
+25
-
±4
-
kV
IEC61000-4-2, Contact Discharge Method
+25
-
±5
-
kV
Human Body Model, From Bus Pins to GND
+25
-
±10
-
kV
All Pins
HBM, per MIL-STD-883 Method 3015
+25
-
> ±3
-
kV
Machine Model
+25
-
> ±150
-
V
Driver Switching Characteristics
Maximum Data Rate
fMAX
VOD ≥ ±1.5V, RD = 54Ω, CL = 100pF
(Figure 8)
Full
40
60
-
Mbps
Driver Differential Output
Delay
tDD
RD = 54Ω, CD = 50pF (Figure 2)Full
-
11
16
ns
Driver Differential Output
Skew
tSKEW
RD = 54Ω, CD = 50pF (Figure 2)Full
-
0.5
1.5
ns
Prop Delay Part-to-Part
Skew
tSKP-P
RD = 54Ω, CD = 50pF (Figure 2, Note 14)Full
-
-
4
ns
Driver Differential Rise or
Fall Time
tR, tF
RD = 54Ω, CD = 50pF (Figure 2)Full
-
4
8
ns
Driver Enable to Output High
tZH
RL = 110Ω, CL = 50pF, SW = GND
(Figure 6, Note 9)
Full
-
18
25
ns
Driver Enable to Output Low
tZL
RL = 110Ω, CL = 50pF, SW = VCC
(Figure 6, Note 9)
Full
-
16
25
ns
Driver Enable Time Skew
tENSKEW |tZH (Y or Z) - tZL (Z or Y)|
Full
-
2.5
-
ns
Driver Disable from Output
High
tHZ
RL = 110Ω, CL = 50pF, SW = GND (Figure 6)Full
-
15
25
ns
Driver Disable from Output
Low
tLZ
RL = 110Ω, CL = 50pF, SW = VCC (Figure 6)Full
-
18
25
ns
Driver Disable Time Skew
tDISSKEW |tHZ (Y or Z) - tLZ (Z or Y)|
Full
-
3
-
ns
Time to Shutdown
tSHDN
(Note 11)Full
60
-
600
ns
Driver Enable from
Shutdown to Output High
tZH(SHDN) RL = 110Ω, CL = 50pF, SW = GND
(Figure 6, Notes 11, 12)
Full
-
-
1000
ns
Driver Enable from
Shutdown to Output Low
tZL(SHDN) RL = 110Ω, CL = 50pF, SW = VCC
(Figure 6, Notes 11, 12)
Full
-
-
1000
ns
Receiver Switching Characteristics
Maximum Data Rate
fMAX
VID = ±1.5V
Full
40
60
-
Mbps
Receiver Input to Output
Delay
tPLH, tPHL (Figure 8)Full
-
10
16.5
ns
Receiver Skew | tPLH - tPHL |
tSKD
(Figure 8)Full
-
0
1.5
ns
Prop Delay Part-to-Part
Skew
tSKP-P
(Figure 8, Note 14)Full
-
-
4
ns
Receiver Enable to Output
High
tZH
RL = 1kΩ, CL = 15pF, SW = GND
(Figure 12, Note 10)
Full
-
10
15
ns
Receiver Enable to Output
Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 12, Note 10)
Full
-
11
15
ns
Receiver Disable from
Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 12)Full
-
10
15
ns
Test Conditions: VCC = 4.5V to 5.5V; unless otherwise specified. Typical values are at VCC = 5V, TA = +25°C, Boldface limits apply
across the operating temperature range (Note 7). (Continued)
Parameter
Symbol
Test Conditions
Temp
(°C)
Min
(Note 16)Typ
Max
(Note 16)Unit


Similar Part No. - ISL3160EFBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL31470EIBZ INTERSIL-ISL31470EIBZ Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470EIBZ RENESAS-ISL31470EIBZ Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3160EFBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com