Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6116CBZA Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6116CBZA
Description  Power Distribution Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6116CBZA Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6116CBZA Datasheet HTML 4Page - Renesas Technology Corp ISL6116CBZA Datasheet HTML 5Page - Renesas Technology Corp ISL6116CBZA Datasheet HTML 6Page - Renesas Technology Corp ISL6116CBZA Datasheet HTML 7Page - Renesas Technology Corp ISL6116CBZA Datasheet HTML 8Page - Renesas Technology Corp ISL6116CBZA Datasheet HTML 9Page - Renesas Technology Corp ISL6116CBZA Datasheet HTML 10Page - Renesas Technology Corp ISL6116CBZA Datasheet HTML 11Page - Renesas Technology Corp ISL6116CBZA Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ISL6115, ISL6116, ISL6117, ISL6120
FN9100 Rev 8.00
Page 8 of 14
December 3, 2015
Typical Performance Curves
FIGURE 3. VDD BIAS CURRENT
FIGURE 4. ISET SOURCE CURRENT
FIGURE 5. CTIM CURRENT SOURCE
FIGURE 6. CTIM OC VOLTAGE THRESHOLD
FIGURE 7. ISL6115, ISL6116 UV THRESHOLD
FIGURE 8. ISL6117, ISL6120 UV THRESHOLD
4.5
4.0
3.5
3.0
2.5
2.0
020
30
50
80
100
TEMPERATURE (°C)
5.0
10
40
60
70
90
20.2
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
20.0
19.0
19.2
19.4
19.6
19.8
20.50
20.32
20.00
19.66
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
19.50
20.16
19.82
CTIM - 0V
1.89
1.88
1.87
1.86
1.85
1.83
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
1.84
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
9.76
9.74
9.75
4.37
4.35
4.36
ISL6116
ISL6115
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
2.70
2.65
1.860
1.850
1.855
ISL6117
2.60
ISL6120


Similar Part No. - ISL6116CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results

Similar Description - ISL6116CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com