Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6117CBZA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6117CBZA
Description  Power Distribution Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6117CBZA Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6117CBZA Datasheet HTML 3Page - Renesas Technology Corp ISL6117CBZA Datasheet HTML 4Page - Renesas Technology Corp ISL6117CBZA Datasheet HTML 5Page - Renesas Technology Corp ISL6117CBZA Datasheet HTML 6Page - Renesas Technology Corp ISL6117CBZA Datasheet HTML 7Page - Renesas Technology Corp ISL6117CBZA Datasheet HTML 8Page - Renesas Technology Corp ISL6117CBZA Datasheet HTML 9Page - Renesas Technology Corp ISL6117CBZA Datasheet HTML 10Page - Renesas Technology Corp ISL6117CBZA Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ISL6115, ISL6116, ISL6117, ISL6120
FN9100 Rev 8.00
Page 7 of 14
December 3, 2015
Biasing the ISL6116
Table 3 gives typical component values for biasing the
ISL6116 in a ±48V application. The formulas and
calculations deriving these values are also shown in the
following equations.
When using the ISL6116 to control -48V, a Zener diode
may be used to provide the +12V bias to the chip. If a
Zener is used then a current limit resistor should also
be used. Several items must be taken into account
when choosing values for the current limit resistor
(RCL) and Zener Diode (DD1):
• The variation of the VBUS (in this case, -48V
nominal)
• The chip supply current needs for all functional
conditions
• The power rating of RCL.
• The current rating of DD1
Formulas
Sizing RCL is expressed in Equation 1:
Power Rating of RCL is expressed in Equation 2:
DD1 current rating is expressed in Equation 3:
Example:
A typical -48V supply may vary from -36 to -72V.
Therefore:
VBUS,MAX = -72V
VBUS,MIN = -36V
ICHIP = 15mA (Max)
Sizing RCL is expressed in Equation 4:
Power rating of RCL is expressed in Equation 5:
DD1 current rating is expressed in Equation 6:
TABLE 3. TYPICAL VALUES FOR A -48V HOT SWAP
APPLICATION
SYMBOL
PARAMETER
RCL
1.58k, 1W
DD1
12V Zener Diode, 50mA Reverse Current
VBUS
LOAD
ISL6116
PWRON
NC
FIGURE 2. TYPICAL 5A LOAD CONTROL
-48V
RCL
DD1
12V
1.58k
1W
0.01µF
0.047µF
1.47k
0.005
1%
0.001µF
2k
1%
RCL
VBUS MIN
 12
ICHIP
-------------------------------------------
=
(EQ. 1)
(EQ. 2)
PRCL
IC VBUS MAX
 12

=
(EQ. 3)
IDD1
VBUS MAX
 12

RCL
--------------------------------------------------
=
(EQ. 4)
RCL
VBUS MIN
 12

IC
------------------------------------------------
=
RCL
36 12
0.015
-------------------
=
RCL
16k
 TypicalValue
1.58k
=

=
(EQ. 5)
PRCL
IC VBUS MAX
 12

=
PRCL
0.015
 72 12

=
PRCL
0.9W TypicalValue
1W
=

=
(EQ. 6)
IDD1
VBUS MAX
 12

RCL
--------------------------------------------------
=
IDD1
72 12

1.58k
------------------------
=
IDD1
38mA TypicalValue
12Vrating, 50mA reverse current
=

=


Similar Part No. - ISL6117CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6117CBZA INTERSIL-ISL6117CBZA Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6117CBZA INTERSIL-ISL6117CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6117CBZA INTERSIL-ISL6117CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6117CBZA INTERSIL-ISL6117CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results

Similar Description - ISL6117CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com