Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6118LIBZA Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6118LIBZA
Description  Dual Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6118LIBZA Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6118LIBZA Datasheet HTML 2Page - Renesas Technology Corp ISL6118LIBZA Datasheet HTML 3Page - Renesas Technology Corp ISL6118LIBZA Datasheet HTML 4Page - Renesas Technology Corp ISL6118LIBZA Datasheet HTML 5Page - Renesas Technology Corp ISL6118LIBZA Datasheet HTML 6Page - Renesas Technology Corp ISL6118LIBZA Datasheet HTML 7Page - Renesas Technology Corp ISL6118LIBZA Datasheet HTML 8Page - Renesas Technology Corp ISL6118LIBZA Datasheet HTML 9Page - Renesas Technology Corp ISL6118LIBZA Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ISL6118
FN9008 Rev 2.00
Page 9 of 10
March 2004
Implementing Autoreset on the ISL6118H
Hot Swap Controllers
Abstract
In applications where the cost, complexity or requirement for a
system controller is avoided and an autonomous power control
function is desired, a device that can monitor and protect
against excessive current failures is needed. This shows how
to implement such an autonomous controller using the
ISL6118HIB. This application works only with the ‘H’ version of
these devices. The ‘H’ version refers to the enable function
being asserted upon a high input.
Introduction
The ISL6118, ISL6119 and ISL6121 are all 2.5V to 5V power
supply controllers, each having a different level of current
regulation (CR). The ISL6118 and ISL6119 have 2 independent
controllers with CR levels of 0.6A and 1.0A respectively
whereas the ISL6121 is a single supply controller with a 2A CR
level. Each of these devices features integrated power
switch(es) for power control. Each switch is driven by a
constant current source giving a controlled ramp up of the
output voltage. This provides a soft start turn-on eliminating
bus voltage drooping caused by in-rush current while
charging heavy load capacitances. The independent enabling
inputs and fault reporting outputs for each channel are
available and necessary for the autonomous autoreset
application.
The undervoltage (UV) feature prevents turn-on of the outputs
unless the ENABLE pin and VIN are >2.5V. During initial turn-
on the ISL6118 prevents fault reporting by blanking the fault
signal. Rising and falling outputs are current-limited voltage
ramps so that both the inrush current and voltage slew rate are
limited, independent of load. This reduces supply droop due to
surge and eliminates the need for external EMI filters. During
operation, once an OC condition is detected the appropriate
output is current limited to the appropriate level for 10ms to
allow transient conditions to pass. If still in current limit after the
current limit period has elapsed, the output is latched off and
the fault is reported by pulling the corresponding FAULT low.
The FAULT signal is latched low until reset by the ENABLE
signal being de-asserted at which time the FAULT signal will
clear.
It is this described sequence of events that allows for the
autoreset function to be implemented in a cost efficient manner
requiring the addition of only an RC network per channel to the
typical application.
Figure 15 illustrates the RC network needed with suggested
component values and the configuration of the relevant pins for
each autoreset channel.
Description of Operation
Initially as voltage is applied to VIN, the pull up resistor (Rpu)
provides for pull up to VIN on both the ENABLE pin asserting the
output once VIN > 2.5V and on the FLTn pin. Once turned on and
an overcurrent (OC) condition occurs the IC provides CR
protection for 10ms and then the FLTn pin pulls low through Rpu
and also pulling the ENABLE low thus resetting the device fault
condition. At this time the Rpu charges the cap and the voltage on
the ENABLE/FLTn node rises until the ENABLE > 2.0 and the
output is asserted on once again. This automatic reset cycle will
continue until the OC fault no longer exists on the output. After
several seconds in this mode of operation the IC thermal
protection invokes adjusting the timing of the on-off cycle to
prevent excessive thermal dissipation in the power switch
protecting itself and surrounding circuitry. See Figure 16 for
operation waveform.
.
Applications
•USB
• 2.5V to 5V up to 10W power port protection
FIGURE 15.
VIN
ENABLE
FLTn
GND
ISL6118H
Rpu = 2K
C = 0.1µF
FIGURE 16. AUTO RESET OPERATION
IOUT 1A/DIV
VOUT 2V/DIV
VIN/FLTn 5V/DIV
0A
0V
4ms/DIV


Similar Part No. - ISL6118LIBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6118LIBZA INTERSIL-ISL6118LIBZA Datasheet
454Kb / 10P
   Dual Power Supply Controller
ISL6118LIBZA-T INTERSIL-ISL6118LIBZA-T Datasheet
454Kb / 10P
   Dual Power Supply Controller
More results

Similar Description - ISL6118LIBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com