Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6128IRZA Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6128IRZA
Description  Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6128IRZA Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6128IRZA Datasheet HTML 5Page - Renesas Technology Corp ISL6128IRZA Datasheet HTML 6Page - Renesas Technology Corp ISL6128IRZA Datasheet HTML 7Page - Renesas Technology Corp ISL6128IRZA Datasheet HTML 8Page - Renesas Technology Corp ISL6128IRZA Datasheet HTML 9Page - Renesas Technology Corp ISL6128IRZA Datasheet HTML 10Page - Renesas Technology Corp ISL6128IRZA Datasheet HTML 11Page - Renesas Technology Corp ISL6128IRZA Datasheet HTML 12Page - Renesas Technology Corp ISL6128IRZA Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130
FN9005 Rev 1.00
Page 9 of 23
September 26, 2012
level of feedback and control, if desired. The ISL6128 requires
that the related ENABLE be cycled for restart of its associated
group GATEs. If no capacitors are connected between DLY_ON or
DLY_OFF pins and ground, then all such related GATEs start to
turn on immediately after the 10ms (TUVLOdel) ENABLE
stabilization timeout has expired. The GATEs start to turn off
immediately when ENABLE is asserted.
If some of the rails are sequenced together to reduce cost and
eliminate the effect of capacitor variance on the timing, a
common capacitor can be connected to two or more DLY_ON or
DLY_OFF pins. In this case, multiply the capacitor value by the
number of common DLY_X pins to obtain the desired timing.
Table 1 shows the nominal time delay on the DLY_X pins for
various capacitor values, from the start of charging to the 1.27V
reference. This table does not include the 10ms of ENABLE
lockout delay during a start-up sequence, but it does represent
the time from the end of the ENABLE lockout delay to the start
of GATE transition. There is no ENABLE lockout delay for a
sequence-off, so this table illustrates the delay to GATE
transition from a disable signal.
Figure 4 shows the turn-on and Figure 5 shows the nominal
turn-off timing diagram of the ISL6123 and ISL6124.
The ISL6125 is similar to the ISL6124 except that, instead of
charge pumped GATE outputs, there are sequenced open-drain
outputs that can be pulled up to a maximum of VDD.
Delay and flexible sequencing possibilities include multiple series,
parallel, or adjustable capacitors that can be used to easily
fine-tune timing over that offered by standard value capacitors.
TABLE 1. NOMINAL DELAY TO SEQUENCING THRESHOLD
DLY PIN CAPACITANCE
TIME(s)
Open
0.00006
100pF
0.00013
1000pF
0.0013
0.01µF
0.013
0.1µF
0.13
1µF
1.3
10µF
13
NOTE: Nom. TDEL_SEQ = Capacitor (µF)*1.3M.
FIGURE 4. ISL6123, ISL6124 TURN-ON AND GLITCH RESPONSE TIMING DIAGRAM
UVLO_B
UVLO_C
UVLO_D
ENABLE (ISL6123)
RESET
DLYON_A
DLYON_B
DLYON_C
DLYON_D
GATE_A
GATE_B
GATE_C
GATE_D
UVLO_A
VEN
DLY_Vth
DLY_Vth
DLY_Vth
DLY_Vth
VQPUMP
VQPUMP
VQPUMP
ENABLE (ISL6124)
VUVLOVth
VUVLOVth
VUVLOVth
VUVLOVth
tRSTdel
tUVLOdel
VQPUMP-1V
VQPUMP
<tFIL


Similar Part No. - ISL6128IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6128IRZA INTERSIL-ISL6128IRZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6128IRZA INTERSIL-ISL6128IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6128IRZA INTERSIL-ISL6128IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
More results

Similar Description - ISL6128IRZA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZD1901 ETC1-ZD1901 Datasheet
266Kb / 1P
   This Device Enables you to turn a Circuit on and off optically
logo
Alpha & Omega Semicondu...
AOK20B120D1 AOSMD-AOK20B120D1 Datasheet
518Kb / 8P
   Low turn-off switching loss due to fast turn-off time
AOK20B120E1 AOSMD-AOK20B120E1 Datasheet
671Kb / 8P
   Low turn-off switching loss due to fast turn-off time
logo
Dynex Semiconductor
AN5951 DYNEX-AN5951 Datasheet
586Kb / 5P
   Estimation of turn-off losses
logo
Linear Technology
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Toshiba Semiconductor
TSS8G48S TOSHIBA-TSS8G48S Datasheet
210Kb / 4P
   OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON, ZERO CURRENT TURN-OFF, NORMALLY OPEN SSR
logo
Dynex Semiconductor
DG648BH45 DYNEX-DG648BH45 Datasheet
220Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA25H2501 ABB-5SGA25H2501 Datasheet
113Kb / 9P
   Gate turn-off Thyristor
5SGF30J4502 ABB-5SGF30J4502 Datasheet
303Kb / 9P
   Gate turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com