Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6123EVAL1Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6123EVAL1Z
Description  Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6123EVAL1Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6123EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL6123EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL6123EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL6123EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL6123EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL6123EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL6123EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL6123EVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL6123EVAL1Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130
FN9005 Rev 1.00
Page 8 of 23
September 26, 2012
DLY_OFF pins. Once all four UVLO inputs and ENABLE are
satisfied for 10ms (tdelEN_LO), the four DLY_ON capacitors
are simultaneously charged with 1µA current sources to the
DLY_Vth level of 1.27V. As each DLY_ON pin reaches the
DLY_Vth level, its associated GATE turns on, with a 1µA
source current to the charge pump voltage (VQP) of VDD +
5.3V. Thus, all four GATEs sequentially turn on in the user
defined order. Once at DLY_Vth, the DLY_ON pins discharge
so they are ready when next needed.
After the entire turn-on sequence has been completed and all
GATEs have reached the charge pumped voltage (VQP), a
160ms delay (TRSTdel) is started to ensure stability, after
which the RESET output is released to go high.
After turn-on, if any input falls below its UVLO point for longer
than the glitch filter period (~30µs), it is considered a fault.
RESET and SYSRST are pulled low, and all GATEs are
simultaneously also pulled low. In this mode, the GATEs are
pulled low with 88mA.
Normal shutdown mode is entered when no UVLO is violated
and ENABLE is deasserted. When ENABLE is deasserted,
RESET is immediately asserted and pulled low. Next, all four
shutdown ramp capacitors on the DLY_OFF pins are charged
with a 1µA source. When any ramp-capacitor reaches
DLY_Vth, a latch is set, and a current is sunk on the
respective GATE pin to turn off its external MOSFET. When the
GATE voltage is approximately 0.6V, the GATE is pulled down
the rest of the way at a higher current level. Each individual
external FET is thus turned off, which removes the voltages
from the load in the user programmed sequence.
The ISL6123 and ISL6124 have the same functionality,
except for the ENABLE active polarity; the ISL6124 has an
ENABLE input. Additionally, the ISL6123 and ISL6130 also
have an ultra low-power sleep state when ENABLE is low.
The ISL6125 has the same personality as the ISL6124, but
instead of charged-pump-driven GATE outputs, it has
open-drain outputs that can be pulled up to a maximum of
VDD.
The ISL6126 and ISL6130 are different in that their on
sequence is not time determined but voltage determined.
Each of the four channels operate independently. Once the IC
is biased and any one of the UVLO inputs is greater than the
0.63V internal reference, and the ENABLE input is also
satisfied, the associated GATE for the satisfied UVLO input
turns on.
In turn, the other UVLO inputs must be satisfied for the
associated GATEs to turn on. After a period of 160ms
(TRSTdel) once all GATEs are fully on (GATE voltage = VQP),
RESET is released to go high.
The UVLO inputs can be driven by either a previously
turned-on output rail offering a voltage-determined sequence
or by logic signal inputs. Any subsequent UVLO level that is
less than its programmed level pulls the associated GATE and
RESET output low (if previously released) but does not
latch-off the other GATEs.
Predetermined turn-off is accomplished by deasserting
ENABLE. This causes RESET to latch low and all four GATE
outputs to follow the programmed turn-off sequence,
similarly to the ISL6124.
The ISL6127 is a 4-channel sequencer pre-programmed for
A-B-C-D turn-on and D-C-B-A turn-off. After all four UVLO and
ENABLE inputs are satisfied for ~10ms, the sequencing
starts. The next GATE in the sequence starts to ramp up once
the previous GATE has reached ~VQP-1V. After a period of
160ms (TRSTdel) after the last GATE is at VQP, the RESET
output is deasserted. If any UVLO is unsatisfied, RESET is
pulled low, SYSRST is pulled low, and all GATEs are
simultaneously turned off. When ENABLE is signaled high,
the D GATE starts to pull low. Once below 0.6V, the next GATE
starts to pull low, and so on, until all GATEs are at 0V.
Unloaded, this turn-off sequence completes in <1ms.
This variant offers a lower cost and size implementation
because the external delay capacitors are not used. Because
the delay capacitors are not used, this IC cannot delay the
start of subsequent GATEs. Thus, necessary stabilization or
system housekeeping need to be considered.
The ISL6128 is a 4-channel device that groups the four
channels into two groups of two channels each. Each group
of A, B and C, D, has its own ENABLE and RESET I/O pins. All
four UVLO and both ENABLEs must be satisfied for
sequencing to start. The A, B group turns on first, 10ms after
the second ENABLE is pulled low, with A then B turning on,
followed by C then D.
Once the preceding GATE = VQP, the next DLY_ON pin starts to
charge its capacitor; thus, all four GATEs turn on. Approximately
160ms after D GATE = VQP, the RESET output is released to go
high. Once any UVLO is unsatisfied, only the related group’s
RESET and two GATEs are pulled low. The related EN input must
be cycled for the faulted group to be turned on again.
Normal shutdown is invoked by signaling both ENABLE inputs
high, which causes the two related GATEs to shut down in
reverse order from turn-on. DLY_X capacitors adjust the delay
between GATES during turn-on and turn-off, but not the order.
During bias up, the RESET output is guaranteed to be in the
correct state, with VDD lower than 1V.
Upon power-up, the SYSRST pin follows VDD with a weak
internal pull-up. It is both an input and an output connection and
can provide two functions. As an input, if it is pulled low, all
GATEs are unconditionally shut off, and RESET pulls low
(Figure 8). This input can also be used as a no-wait enabling
input. If all inputs (ENABLE and UVLO) are satisfied, it does not
wait through the ~10ms enable delay to initiate DLY_ON
capacitor charging when released to go high. As an output, it is
useful when implementing multiple sequencers in a design
needing simultaneous shutdown, as with a kill switch across all
sequencers. Once any UVLO is unsatisfied longer than tFIL, the
related SYSRST pulls low. It also pulls low all other SYSRST
inputs that are on a common connection. By doing so, it
unconditionally shuts down all outputs across multiple
sequencers.
Except for the ISL6128 after a fault, restart of the turn-on
sequence is automatic, once all requirements are met. This
allows for no interaction between the sequencer and a controller
IC, if desired. The ENABLE and RESET I/O do allow for a higher


Similar Part No. - ISL6123EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123EVAL1Z INTERSIL-ISL6123EVAL1Z Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
More results

Similar Description - ISL6123EVAL1Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZD1901 ETC1-ZD1901 Datasheet
266Kb / 1P
   This Device Enables you to turn a Circuit on and off optically
logo
Alpha & Omega Semicondu...
AOK20B120D1 AOSMD-AOK20B120D1 Datasheet
518Kb / 8P
   Low turn-off switching loss due to fast turn-off time
AOK20B120E1 AOSMD-AOK20B120E1 Datasheet
671Kb / 8P
   Low turn-off switching loss due to fast turn-off time
logo
Dynex Semiconductor
AN5951 DYNEX-AN5951 Datasheet
586Kb / 5P
   Estimation of turn-off losses
logo
Linear Technology
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Toshiba Semiconductor
TSS8G48S TOSHIBA-TSS8G48S Datasheet
210Kb / 4P
   OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON, ZERO CURRENT TURN-OFF, NORMALLY OPEN SSR
logo
Dynex Semiconductor
DG648BH45 DYNEX-DG648BH45 Datasheet
220Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA25H2501 ABB-5SGA25H2501 Datasheet
113Kb / 9P
   Gate turn-off Thyristor
5SGF30J4502 ABB-5SGF30J4502 Datasheet
303Kb / 9P
   Gate turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com