Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C512-80XB3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M27C512-80XB3
Description  512 Kbit (64K x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-80XB3 Datasheet(HTML) 5 Page - STMicroelectronics

  M27C512-80XB3 Datasheet HTML 1Page - STMicroelectronics M27C512-80XB3 Datasheet HTML 2Page - STMicroelectronics M27C512-80XB3 Datasheet HTML 3Page - STMicroelectronics M27C512-80XB3 Datasheet HTML 4Page - STMicroelectronics M27C512-80XB3 Datasheet HTML 5Page - STMicroelectronics M27C512-80XB3 Datasheet HTML 6Page - STMicroelectronics M27C512-80XB3 Datasheet HTML 7Page - STMicroelectronics M27C512-80XB3 Datasheet HTML 8Page - STMicroelectronics M27C512-80XB3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/22
M27C512
Figure 3. DIP Connections
Figure 4. LCC Connections
Figure 5. TSOP Connections
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
GVPP
E
Q5
Q1
Q2
Q3
VSS
Q4
Q6
A12
A15
VCC
AI00762
M27C512
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
22
21
20
19
18
17
AI00763
A8
A10
17
A0
NC
Q0
A6
A3
A2
A1
A5
A4
9
A9
1
A11
Q6
Q7
32
M27C512
NC
GVPP
E
25
A1
A0
Q0
A5
A2
A4
A3
A9
A11
Q7
A8
GVPP
E
Q5
Q1
Q2
Q3
Q4
Q6
A13
A14
A12
A6
A15
VCC
A7
AI00764B
M27C512
28
1
22
78
14
15
21
VSS
A10


Similar Part No. - M27C512-80XB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512-80XB3 STMICROELECTRONICS-M27C512-80XB3 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-80XB3E STMICROELECTRONICS-M27C512-80XB3E Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-80XB3F STMICROELECTRONICS-M27C512-80XB3F Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-80XB3TR STMICROELECTRONICS-M27C512-80XB3TR Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-80XB3TR STMICROELECTRONICS-M27C512-80XB3TR Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
More results

Similar Description - M27C512-80XB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002-12F1 STMICROELECTRONICS-M27C4002-12F1 Datasheet
182Kb / 18P
   UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com