Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6218CVZA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6218CVZA
Description  Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6218CVZA Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6218CVZA Datasheet HTML 1Page - Renesas Technology Corp ISL6218CVZA Datasheet HTML 2Page - Renesas Technology Corp ISL6218CVZA Datasheet HTML 3Page - Renesas Technology Corp ISL6218CVZA Datasheet HTML 4Page - Renesas Technology Corp ISL6218CVZA Datasheet HTML 5Page - Renesas Technology Corp ISL6218CVZA Datasheet HTML 6Page - Renesas Technology Corp ISL6218CVZA Datasheet HTML 7Page - Renesas Technology Corp ISL6218CVZA Datasheet HTML 8Page - Renesas Technology Corp ISL6218CVZA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FN9101 Rev 6.00
Page 1 of 19
August 6, 2007
FN9101
Rev 6.00
August 6, 2007
ISL6218
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning
IMVP-IV™ and IMVP-IV+™
DATASHEET
The ISL6218 Single-Phase Buck PWM control IC, with
integrated half bridge gate driver, provides a precision
voltage regulation system for advanced Pentium-M
microprocessors in notebook computers. This control IC also
features both input voltage feed-forward and average current
mode control for excellent dynamic response, “Loss-less”
current sensing using MOSFET rDS(ON), and user selectable
switching frequencies from 250kHz to 500kHz per phase.
The ISL6218 includes a 6-bit digital-to-analog converter
(DAC) that dynamically adjusts the CORE PWM output
voltage from 0.700V to 1.708V in 16mV steps, and conforms
to the Intel IMVP-IVmobile VID specification. The ISL6218
also has logic inputs to select Active, Deep Sleep and
Deeper Sleep modes of operation. A precision reference,
remote sensing and proprietary architecture with integrated
processor-mode compensated “Droop” provides excellent
static and dynamic CORE voltage regulation.
Another feature of the ISL6218 IC controller is the internal
PGOOD delay circuit that holds the PGOOD pin low for
3ms to 12ms after the VCCP and VCC_MCH regulators are
within regulation. This PGOOD signal is masked during VID
changes. Output overvoltage and undervoltage are
monitored and result in the converter latching off and
PGOOD signal being held low.
The overvoltage and undervoltage thresholds are 112% and
84% of the VID, Deep or Deeper Sleep setpoint. Overcurrent
protection features a 32 cycle overcurrent shutdown.
PGOOD, Overvoltage, Undervoltage and Overcurrent
provide monitoring and protection for the microprocessor
and power system. The ISL6218 IC is available in a
38 Ld TSSOP and 40 Ld QFN package.
Features
• IMVP-IVCompliant CORE Regulator
• Single-Phase Power Conversion
• “Loss-less” Current Sensing for Improved Efficiency and
Reduced Board Area
- Optional Discrete Precision Current Sense Resistor
• Internal Gate Drive and Boot-Strap Diode
• Precision CORE Voltage Regulation
- 0.8% System Accuracy Over-temperature
• 6-Bit Microprocessor Voltage Identification Input
• Programmable “Droop” and CORE Voltage Slew Rate to
Comply with IMVP-IVSpecification
• Discontinuous Mode Of Operation for Increased Light
Load Efficiency in Deep and Deeper Sleep Mode
• Direct Interface with System Logic (STP_CPU and
DPRSLPVR) for Deep and Deeper Sleep Modes of
Operation
• Easily Programmable Voltage Setpoints for Initial “Boot”,
Deep Sleep and Deeper Sleep Modes
• Excellent Dynamic Response
- Combined Voltage Feed-Forward and Average Current
Mode Control
• Overvoltage, Undervoltage and Overcurrent Protection
• Power-good Output with Internal Blanking During VID and
Mode Changes
• User Programmable Switching Frequency of 250kHz to
500kHz
• Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG #
ISL6218CV*
ISL 6218CV
-10 to +85
38 Ld TSSOP
M38.173
ISL6218CVZ* (Note)
ISL 6218CVZ
-10 to +85
38 Ld TSSOP (Pb-free)
M38.173
ISL6218CVZA* (Note)
ISL 6218CVZ
-10 to +85
38 Ld TSSOP (Pb-free)
M38.173
ISL6218CRZ* (Note)
ISL62 18CRZ
-10 to +85
40 Ld 6x6 QFN (Pb-free)
L40.6x6
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - ISL6218CVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
More results

Similar Description - ISL6218CVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com