Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6251 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6251
Description  Low Cost Multi-Chemistry Battery Charger Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6251 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6251 Datasheet HTML 1Page - Renesas Technology Corp ISL6251 Datasheet HTML 2Page - Renesas Technology Corp ISL6251 Datasheet HTML 3Page - Renesas Technology Corp ISL6251 Datasheet HTML 4Page - Renesas Technology Corp ISL6251 Datasheet HTML 5Page - Renesas Technology Corp ISL6251 Datasheet HTML 6Page - Renesas Technology Corp ISL6251 Datasheet HTML 7Page - Renesas Technology Corp ISL6251 Datasheet HTML 8Page - Renesas Technology Corp ISL6251 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL6251, ISL6251A
FN9202 Rev 3.00
Page 3 of 20
March 13, 2014
Absolute Maximum Ratings
Thermal Information
DCIN, CSIP, CSON to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
CSIP-CSIN, CSOP-CSON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
PHASE to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-7V to 30V
BOOT to PGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +35V
ACLIM, ACPRN, CHLIM, VDD to GND . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
BOOT-PHASE, VDDP-PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
ICM, ICOMP, VCOMP to GND . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VDD+0.3V
VREF, CELLS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VDD+0.3V
EN, VADJ, PGND to GND . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VDD+0.3V
UGATE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PHASE-0.3V to BOOT+0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PGND-0.3V to VDDP+0.3V
Thermal Resistance
JA(°C/W)
JC (°C/W)
QFN Package (Notes 5, 7) . . . . . . . . . . . . . .
39
9.5
QSOP Package (Note 6). . . . . . . . . . . . . . . .
88
N/A
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-10°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . .-10°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. When the voltage across ACSET is below 0V, the current through ACSET should be limited to less than 1mA.
5.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
8. BOOT-PHASE voltage is -0.3V to -0.7V during start-up. This is due to a small current (<1mA) that flows from the battery to the PHASE pin and to an
internal current sink on the BOOT pin through an internal diode. This does not harm the part.
Electrical Specifications DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = 1.5V, ACLIM = VREF, VADJ = Floating, EN = VDD = 5V,
BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1µF, IVDD = 0mA, TA = -10°C to +100°C, TJ  125°C, unless otherwise noted. Boldface limits apply over
the operating temperature range, -10°C to +100°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNITS
SUPPLY AND BIAS REGULATOR
DCIN Input Voltage Range
725
V
DCIN Quiescent Current
EN = VDD or GND, 7V
DCIN 25V
1.4
3
mA
Battery Leakage Current (Note 9)
DCIN = 0, no load
3
10
µA
VDD Output Voltage/Regulation
7V
DCIN 25V, 0 IVDD 30mA
4.925
5.075
5.225
V
VDD Undervoltage Lockout Trip Point
VDD Rising
4.0
4.4
4.6
V
Hysteresis
200
250
400
mV
Reference Output Voltage VREF
0
IVREF 300µA
2.365
2.39
2.415
V
Battery Charge Voltage Accuracy
CSON = 16.8V, CELLS = VDD, VADJ = Float
-0.5
0.5
%
CSON = 12.6V, CELLS = GND, VADJ = Float
-0.5
0.5
%
CSON = 8.4V, CELLS = Float, VADJ = Float
-0.5
0.5
%
CSON = 17.64V, CELLS = VDD, VADJ = VREF
-0.5
0.5
%
CSON = 13.23V, CELLS = GND, VADJ = VREF
-0.5
0.5
%
CSON = 8.82V, CELLS = Float, VADJ = VREF
-0.5
0.5
%
CSON = 15.96V, CELLS = VDD, VADJ = GND
-0.5
0.5
%
CSON = 11.97V, CELLS = GND, VADJ = GND
-0.5
0.5
%
CSON = 7.98V, CELLS = Float, VADJ = GND
-0.5
0.5
%
TRIP POINTS
ACSET Threshold
1.24
1.26
1.28
V
ACSET Input Bias Current Hysteresis
2.2
3.4
4.4
µA
ACSET Input Bias Current
ACSET
 1.26V
2.2
3.4
4.4
µA


Similar Part No. - ISL6251

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251 INTERSIL-ISL6251 Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
ISL6251 INTERSIL-ISL6251 Datasheet
461Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
ISL6251A INTERSIL-ISL6251A Datasheet
461Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
ISL6251AHAZ INTERSIL-ISL6251AHAZ Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
ISL6251AHAZ INTERSIL-ISL6251AHAZ Datasheet
461Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
More results

Similar Description - ISL6251

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251 INTERSIL-ISL6251 Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
ISL6251 INTERSIL-ISL6251_06 Datasheet
461Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com