Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6218CRZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6218CRZ
Description  Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6218CRZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6218CRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6218CRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6218CRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6218CRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6218CRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6218CRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6218CRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6218CRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6218CRZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISL6218
FN9101 Rev 6.00
Page 9 of 19
August 6, 2007
The choice of value for soft-start capacitor is determined by the
maximum slew rate required for the application. An example
calculation is shown in Equation 1. Using the I1 current source
on the SOFT pin as 130µA, and the slew rate of (10mV/
s), the
SOFT capacitor is calculated in Equation 1:
Gate Drive Signals
The ISL6218 provides internal gate drive for a single channel,
Synchronous Buck, Core Regulator.
The ISL6218 was designed with a 4A, low side gate current
sink ability, and a 2A, low-side gate current source ability to
efficiently drive the latest, high performance MOSFETs. This
feature will provide the system designer with flexibility in
MOSFET selection as well as optimum efficiency during all
modes of operation.
Frequency Setting
The power channel switching frequency is set up by a resistor
from the FSET pin to ground. The choice of FSET resistance
for a desired switching frequency can be approximated using
Figure 3. The switching frequency is designed to operate
between 250kHz and 500kHz per phase.
CORE Voltage Programming
The voltage identification pins (VID0, VID1, VID2, VID3, VID4
and VID5) set the DAC output voltage. These pins do not have
internal pull-up or pull-down capability. These pins will
recognize 1.0V, 3.3V or 5.0V CMOS logic. Table 1 shows the
command voltage, VDAC for the 6 bit VID codes.
The IC responds to VID code changes as shown in Figure 5.
PGOOD is masked between these transitions.
µF
012
.
0
mV
10
µs
1
µA
130
SlewRate
I
C
SOURCE
SOFT
(EQ. 1)
FIGURE 3. CHANNEL SWITCHING FREQUENCY vs RFSET
250k
500k
750k
1M
0
50
100
150
200
250
CHANNEL SWITCHING FREQUENCY, fSW (Hz)
TABLE 1. INTEL IMPV-IV VID CODES
VID5
VID4
VID3
VID2
VID1
VID0
VDAC
0
0
0
0
0
0
1.708
0
0
0
0
0
1
1.692
0
0
0
0
1
0
1.676
0
0
0
0
1
1
1.660
0
0
0
1
0
0
1.644
0
0
0
1
0
1
1.628
0
0
0
1
1
0
1.612
0
0
0
1
1
1
1.596
0
0
1
0
0
0
1.580
0
0
1
0
0
1
1.564
0
0
1
0
1
0
1.548
0
0
1
0
1
1
1.532
0
0
1
1
0
0
1.516
0
0
1
1
0
1
1.500
0
0
1
1
1
0
1.484
0
0
1
1
1
1
1.468
0
1
0
0
0
0
1.452
0
1
0
0
0
1
1.436
0
1
0
0
1
0
1.420
0
1
0
0
1
1
1.404
FIGURE 4. SOFT-START TRACKING CIRCUITRY SHOWING
INTERNAL CURRENT SOURCES AND “DROOP”
FOR ACTIVE, DEEP AND DEEPER SLEEP
MODES OF OPERATION
CSOFT
SOFT
EA+
RDROOP
ISL6218
IDROOP
+ VDROOP
+
ERROR
AMPLIFIER


Similar Part No. - ISL6218CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CRZ INTERSIL-ISL6218CRZ Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CRZ INTERSIL-ISL6218CRZ Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CRZ INTERSIL-ISL6218CRZ Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
More results

Similar Description - ISL6218CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com