Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6252 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6252
Description  Highly Integrated Battery Charger Controller for Notebook Computers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6252 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6252 Datasheet HTML 2Page - Renesas Technology Corp ISL6252 Datasheet HTML 3Page - Renesas Technology Corp ISL6252 Datasheet HTML 4Page - Renesas Technology Corp ISL6252 Datasheet HTML 5Page - Renesas Technology Corp ISL6252 Datasheet HTML 6Page - Renesas Technology Corp ISL6252 Datasheet HTML 7Page - Renesas Technology Corp ISL6252 Datasheet HTML 8Page - Renesas Technology Corp ISL6252 Datasheet HTML 9Page - Renesas Technology Corp ISL6252 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISL6252, ISL6252A
FN6498 Rev 3.00
Page 6 of 25
Aug 25, 2010
Absolute Maximum Ratings
Thermal Information
ACSET to GND (Note 4) . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
DCIN, CSIP, CSON to GND. . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
CSIP-CSIN, CSOP-CSON . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
PHASE to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7V to 30V
BOOT to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +35V
BOOT to VDDP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 28V
ACLIM, ACPRN, CHLIM, VDD to GND . . . . . . . . . . . . . . -0.3V to 7V
BOOT-PHASE, VDDP-PGND . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
ICM, ICOMP, VCOMP to GND. . . . . . . . . . . . . . -0.3V to VDD +0.3V
VREF, CELLS to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
EN, VADJ, PGND to GND . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
UGATE. . . . . . . . . . . . . . . . . . . . . . . . PHASE -0.3V to BOOT +0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . . PGND -0.3V to VDDP +0.3V
Thermal Resistance
JA(°C/W) JC (°C/W)
QFN Package (Notes 5, 6). . . . . . . . . .
39
9.5
QSOP Package (Note 5) . . . . . . . . . . .
80
N/A
Junction Temperature Range. . . . . . . . . . . . . . . . . .-10°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . .-10°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4. ACSET may be operated 1V below GND if the current through ACSET is limited to less than 1mA.
5.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = 1.5V, ACLIM = VREF, VADJ = Floating,
EN = VDD = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1µF, IVDD = 0mA, TA = -10°C to +100°C,
TJ  +125°C, Unless Otherwise Noted. Boldface limits apply over the operating temperature
range, -10°C to +100°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
SUPPLY AND BIAS REGULATOR
DCIN Input Voltage Range
725
V
DCIN Quiescent Current
EN = VDD or GND, 7V
DCIN 25V
1.4
3
mA
Battery Leakage Current (Note 6)
DCIN = 0, no load
3
10
µA
VDD Output Voltage/Regulation
7V
DCIN 25V, 0 IVDD 30mA
4.925
5.075
5.225
V
VDD Undervoltage Lockout Trip Point
VDD Rising
4.0
4.4
4.6
V
Hysteresis
200
250
400
mV
Reference Output Voltage VREF
0
IVREF  300µA
2.365
2.39
2.415
V
Battery Charge Voltage Accuracy
CSON = 16.8V, CELLS = VDD, VADJ = Float
-0.5
0.5
%
CSON = 12.6V, CELLS = GND, VADJ = Float
-0.5
0.5
%
CSON = 8.4V, CELLS = Float, VADJ = Float
-0.5
0.5
%
CSON = 17.64V, CELLS = VDD, VADJ = VREF
-0.5
0.5
%
CSON = 13.23V, CELLS = GND,
VADJ = VREF
-0.5
0.5
%
CSON = 8.82V, CELLS = Float, VADJ = VREF
-0.5
0.5
%
CSON = 15.96V, CELLS = VDD, VADJ = GND
-0.5
0.5
%
CSON =11.97V, CELLS =GND, VADJ =GND
-0.5
0.5
%
CSON = 7.98V, CELLS = Float, VADJ = GND
-0.5
0.5
%
TRIP POINTS
ACSET Threshold
1.24
1.26
1.28
V
ACSET Input Bias Current Hysteresis
2.4
3.4
4.4
µA
ACSET Input Bias Current
ACSET
 1.26V
2.4
3.4
4.4
µA
ACSET Input Bias Current
ACSET < 1.26V
-1
0
1
µA


Similar Part No. - ISL6252

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
ISL6252AHAZ INTERSIL-ISL6252AHAZ Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
ISL6252AHRZ INTERSIL-ISL6252AHRZ Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
ISL6252HAZ INTERSIL-ISL6252HAZ Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
ISL6252HRZ INTERSIL-ISL6252HRZ Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results

Similar Description - ISL6252

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Renesas Technology Corp
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com