Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6253HRZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6253HRZ
Description  Highly Integrated Battery Charger for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6253HRZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6253HRZ Datasheet HTML 1Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ISL6253
FN9117 Rev.2.00
Page 4 of 22
August 2004
DCSET Input Bias Current Hysteresis
2
3.4
4.8
A
DCSET Input Bias Current
DCSET
 1.26V
2
3.4
4.8
A
DCSET Input Bias Current
DCSET < 1.26V
-1
0
1
A
OSCILLATOR
Frequency
240
300
360
kHz
PWM Ramp Voltage (peak-peak)
CSIP = 18V
1.4
1.55
1.7
V
CSIP = 11V
0.8
0.9
1.0
V
SYNCHRONOUS BUCK REGULATOR
Maximum Duty Cycle
300kHz
97
99
99.6
%
UGATE Pull-up Resistance
BOOT-PHASE = 5V, 500mA source current
1.8
3.0
UGATE Source Current
BOOT-PHASE = 5V, BOOT-UGATE = 2.5V
1.0
A
UGATE Pull-down Resistance
BOOT-PHASE = 5V, 500mA sink current
0.9
1.8
UGATE Sink Current
BOOT-PHASE = 5V, UGATE-PHASE = 2.5V
1.8
A
LGATE Pull-up Resistance
VDDP-PGND = 5V, 500mA source current
1.8
3.0
LGATE Source Current
VDDP-PGND = 5V, VDDP-LGATE = 2.5V
1.0
A
LGATE Pull-down Resistance
VDDP-PGND = 5V, 500mA sink current
0.9
1.8
LGATE Sink Current
VDDP-PGND = 5V, LGATE = 2.5V
1.8
A
CHARGING CURRENT SENSING AMPLIFIER
Input Common Mode Range
0
18
V
Input Offset Voltage
Guarantee by design
-3
0
3
mV
Input Bias Current at CSOP
0 < CSOP < 18V
10
20
A
Input Bias Current at CSON
0 < CSON < 18V
300
425
A
CSOP to CSON Input Full Scale Sense Voltage
CHLIM = 3.3V
123
127
131
mV
CHLIM = VREF
96
100
104
mV
CHLIM = FLOAT
61
65
69
mV
CHLIM = GND
26
30
34
mV
CSOP to CSON Input Full Scale Sense Voltage in Trickle
Charge Mode
CHLIM = 3.3V
6
8.9
12.0
mV
CHLIM = VREF
4.0
7.5
11.0
mV
CHLIM = FLOAT
2.5
5.6
9.0
mV
CHLIM = GND
1.5
3.7
7.0
mV
Trickle Charge Threshold Voltage
CSON Rising
3.0
3.1
3.2
V/CELL
Hysteresis
20
100
180
mV/CELL
CHLIM Input Bias Current
CHLIM = GND or VREF
-25
25
µA
ADAPTER CURRENT SENSING AMPLIFIER
Input Common Mode Range
7
25
V
Input Offset Voltage
Guarantee by design
-2
2
mV
Input Bias Current at CSIP
0 < CSIP < DCIN
325
475
A
Input Bias Current at CSIN
0 < CSIN < DCIN
1
10
A
ADAPTER CURRENT LIMIT THRESHOLD
CSIP to CSIN Input Full Scale Sense Voltage
ACLIM = VREF
100
103
106
mV
ACLIM = Float
75
78
81
mV
ACLIM = GND
50
53
56
mV
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = DCSET = 1.5V, VREF = ACLIM = CHLIM,
VADJ = Floating, EN = VDD = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1µF IVDD = 0mA,
TA = -10°C to +100°C, TJ 125°C, unless otherwise noted. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - ISL6253HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253HRZ INTERSIL-ISL6253HRZ Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
More results

Similar Description - ISL6253HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Intersil Corporation
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Renesas Technology Corp
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com