Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6253HRZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6253HRZ
Description  Highly Integrated Battery Charger for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6253HRZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6253HRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6253HRZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ISL6253
FN9117 Rev.2.00
Page 6 of 22
August 2004
Typical Operating Performance
Circuit of Figure 18, VDCIN = 20V, 4S2P Li-Ion Battery, TA = 25°C, unless otherwise noted.
FIGURE 1. VDD LOAD REGULATION
FIGURE 2. VDD LINE REGULATION
FIGURE 3. BATTERY CHARGE V-I CHARACTERISTICS
FIGURE 4. LOAD TRANSIENT RESPONSE
FIGURE 5. LINE TRANSIENT RESPONSE
FIGURE 6. ICM ACCURACY vs AC ADAPTER CURRENT
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0
5
10
15
20
25
30
LOAD CURRENT (mA)
VDCIN = 20V
VDD = 5.075V
EN = 0
510
15
20
25
-0.04
-0.03
-0.02
-0.01
0
0.01
INPUT VOLTAGE VDCIN (V)
VDD =5.075V
IVDD = 0mA
0.0
1.0
2.0
3.0
4.0
5.0
12.0
14.0
15.0
16.0
17.0
TIME (MINUTE)
026
50
75
99
13.0
LOAD
CURRENT
5A/DIV
ADAPTER
CURRENT
5A/DIV
BATTERY
VOLTAGE
2V/DIV
CHARGE
CURRENT
2A/DIV
t: 1ms/DIV, CHLIM = ACLIM = VREF
LOAD STEP: 0A TO 4A
CHARGE CURRENT = 3A
AC ADAPTER CURRENT LIMIT = 5A
CHARGE CURRENT: 2.6A
INPUT VOLTAGE STEP: 18.0V TO 25V
LOAD CURRENT: 1A
t: 10ms/DIV
INDUCTOR
CURRENT
1A/DIV
VDCIN
10V/DIV
BATTERY
VOLTAGE
10V/DIV
CURRENT
CHARGE
1A/DIV
EN=0
AC ADAPTER CURRENT (A)
-20
-15
-10
-5
0
5
01
2
3
4
5


Similar Part No. - ISL6253HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253HRZ INTERSIL-ISL6253HRZ Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
More results

Similar Description - ISL6253HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Intersil Corporation
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Renesas Technology Corp
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com