Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6253HAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6253HAZ
Description  Highly Integrated Battery Charger for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6253HAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6253HAZ Datasheet HTML 1Page - Renesas Technology Corp ISL6253HAZ Datasheet HTML 2Page - Renesas Technology Corp ISL6253HAZ Datasheet HTML 3Page - Renesas Technology Corp ISL6253HAZ Datasheet HTML 4Page - Renesas Technology Corp ISL6253HAZ Datasheet HTML 5Page - Renesas Technology Corp ISL6253HAZ Datasheet HTML 6Page - Renesas Technology Corp ISL6253HAZ Datasheet HTML 7Page - Renesas Technology Corp ISL6253HAZ Datasheet HTML 8Page - Renesas Technology Corp ISL6253HAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FN9117 Rev.2.00
Page 1 of 22
August 2004
FN9117
Rev.2.00
August 2004
ISL6253
Highly Integrated Battery Charger for Notebook Computers
DATASHEET
The ISL6253 is a highly integrated battery charger controller
for Li-Ion/Li-Polymer batteries. High Efficiency is achieved by
a synchronous buck topology and the use of a MOSFET,
instead of a diode, for selecting power from the adapter or
battery. The low side MOSFET emulates a diode at light
loads to improve the light load efficiency and prevent system
bus boosting.
The constant output voltage can be selected for 2, 3 or 4
series Li-Ion cells with 0.5% accuracy over temperature. It
can also be programmed between 4.2V +5% per cell and
4.2V -5% per cell to optimize battery capacity. When
supplying the load and battery charger simultaneously, the
input current limit for the AC adapter is programmable to
within 3% accuracy to avoid overloading the AC adapter,
and to allow the system to make efficient use of available
adapter power for charging. It also has programmable
charging current with 4% accuracy. The ISL6253 provides
outputs that are used to monitor the current drawn from the
AC adapter, and to monitor for the presence of an AC
adapter. The ISL6253 automatically transitions from
regulating current to regulating voltage. A conditioning
charge feature provides approximately 10% of full scale
charge current to safely charge deeply discharged lithium-
ion (LI+) battery packs when the battery voltage is below
3.0V/cell.
ISL6253 has a feature of automatic power source selection
by switching to the battery when the AC adapter is removed
or switching to the AC adapter when the AC adapter is
available. It also supports aircraft power applications while
powering the system and not charging the battery.
Features
• ±0.5% Voltage Accuracy
• ±3% Input Current Limit Accuracy
• ±4% Accurate Battery Charge Current Limit
• Programmable Charge Limit Current, Adaptor Current
Limit and Charge Voltage
• Fixed 300kHz PWM Synchronous Buck Controller with
Diode Emulation at Light Load
• Output for Current Drawn from the AC Adapter
• AC Adapter Present Indicator
• Fast Input Current Limit Response
• Input Voltage Range 7V to 25V
• Up to 17.6V Battery-Voltage Set Point
• Trickle Charge Mode When Battery Voltage is below
3.0V/Cell
• Supports 2, 3 and 4 Cell Battery Packs
• Control Adapter Power Source Select MOSFET
• Thermal Shutdown
• Aircraft Power Capable
• DC Adapter Present Indicator
• Battery Discharge MOSFET Control
• Less than 10µA Battery Leakage Current
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-free Available
Applications
• Notebook, Desknote and Sub-notebook Computers
• Personal Digital Assistants
Ordering Information
PART #
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6253HRZ
(Note 1)
-10 to 100
28 Ld 5x5 QFN
(Pb-free)
L28.5x5
ISL6253HAZ
(Note 1)
-10 to 100
28 Ld QSOP
(Pb-free)
M28.15
NOTES:
1. Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
2. Add “-T” for Tape and Reel.


Similar Part No. - ISL6253HAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253HAZ INTERSIL-ISL6253HAZ Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
More results

Similar Description - ISL6253HAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Intersil Corporation
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Renesas Technology Corp
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com